Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGN-367A01S-17-2KT Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # HGN-367A01S-17-2KT
Description  FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-367A01S-17-2KT Datasheet(HTML) 1 Page - PowerDynamics, Inc

  HGN-367A01S-17-2KT Datasheet HTML 1Page - PowerDynamics, Inc HGN-367A01S-17-2KT Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET
WITH FUSE/S (5X20MM)
HGN-367A
MECHANICAL DIMENSIONS
FEATURES
The HGN-367A series line filters feature an IEC connector
with an integral fuse holder and distance switch; available
for one or two 5 x 20mm fuses. (IEC 601 prescribes fusing
both lines.) Fully enclosed metal housing prevents input of
high frequency noise and protects ultra-sensitive equipment.
These filters are also available for Medical equipment with
low leakage current.
A ground choke can be added to enhance the grounding
ability of the circuit. A bleeder resistor can also be added
to prevent excessive voltages from developing across the
filter capacitors when there is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Filter
Rated Voltage: 125/250VAC
Rated Current: 1A, 2A, 3A, 4A, 6A, 8A, 10A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 250VAC 50Hz: 0.5mA
@ 250VAC 50Hz: 2µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
Switch
Rated Voltage: 250VAC
Rated Current: 8A
Temperature Range: -10C to +60C
SPST
* Medical application
(Unit: mm)
RECOMMENDED
PANEL CUTOUT
(MOUNTING FROM FRONT)
2x 3.5
36.0
28.5
31.2 Typ.
RECOMMENDED
SWITCH LAYOUT
20
2x M3x0.5
44
36
28.3
33
31
2x 3.6
4
20
49.5
20 3
+
-
18 AWG,
UL1015
105 C,
BLUE
H.S. TUBING
125 C, 600V
BLACK
18 AWG, UL1015
105 C, BROWN
51 42.6
31.0
73
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-367A01S-17-2KT

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F1 POWERDYNAMICS-HGN-365-1M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F2 POWERDYNAMICS-HGN-365-1M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F1 POWERDYNAMICS-HGN-365-2M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F2 POWERDYNAMICS-HGN-365-2M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-367A01S-17-2KT

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-375A POWERDYNAMICS-HGN-375A Datasheet
490Kb / 3P
   FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
44R01-X131-XXX POWERDYNAMICS-44R01-X131-XXX Datasheet
61Kb / 1P
   IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com