Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD210 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD210
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD210 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD210 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD210 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD210 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD210 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD210 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD210 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD210
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1
1.7
2.2
V
ID(ON)
390
A
2.4
3
TJ=125°C
3.7
4.7
2.95
3.9
m
gFS
78
S
VSD
0.65
1
V
IS
70
A
Ciss
2800
3520
4300
pF
Coss
920
1320
1720
pF
Crss
50
90
155
pF
Rg
0.5
1
1.5
Qg(10V)
39
48
58
nC
Qg(4.5V)
17
22
27
nC
Qgs
7
9
11
nC
Qgd
4
7
10
nC
tD(on)
11
ns
tr
10
ns
tD(off)
38
ns
tf
10
ns
trr
14
21
28
ns
Qrr
40
58
76
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=500A/µs
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep initial
TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev0 : May 2010
www.aosmd.com
Page 2 of 6


Similar Part No. - AOD210

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD210 ISC-AOD210 Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
AOD210 UMW-AOD210 Datasheet
441Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - AOD210

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com