Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD7S60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD7S60
Description  600V 7A a MOS Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD7S60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD7S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD7S60 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOD7S60/AOU7S60
Symbol
Min
Typ
Max
Units
600
-
-
650
700
-
-
-
1
-
10
-
IGSS
Gate-Body leakage current
-
-
±100
n
Α
VGS(th)
Gate Threshold Voltage
2.7
3.3
3.9
V
-
0.54
0.6
-
1.48
1.64
VSD
-
0.82
-
V
IS
Maximum Body-Diode Continuous Current
-
-
7
A
ISM
-
-
33
A
Ciss
-
372
-
pF
Coss
-
28
-
pF
Co(er)
-
22
-
pF
Co(tr)
-
65
-
pF
Crss
-
1.2
-
pF
Rg
-
17.5
-
Qg
-
8.2
-
nC
Qgs
-
2.0
-
nC
Qgd
-
2.8
-
nC
tD(on)
-
19
-
ns
tr
-
13
-
ns
tD(off)
-
50
-
ns
tf
-
15
-
ns
trr
-
198
-
ns
Irm
-
18
-
A
Qrr
-
2.4
-
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Peak Reverse Recovery Current
IF=3.5A,dI/dt=100A/µs,VDS=400V
Gate Source Charge
Gate Drain Charge
IF=3.5A,dI/dt=100A/µs,VDS=400V
Body Diode Reverse Recovery Time
SWITCHING PARAMETERS
Reverse Transfer Capacitance
VGS=10V, ID=3.5A, TJ=150°C
Effective output capacitance, energy
related
I
VGS=0V, VDS=0 to 480V, f=1MHz
Output Capacitance
VGS=10V, ID=3.5A, TJ=25°C
Diode Forward Voltage
VGS=0V, VDS=100V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Body Diode Reverse Recovery Charge IF=3.5A,dI/dt=100A/µs,VDS=400V
Maximum Body-Diode Pulsed Current
C
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
Input Capacitance
VGS=0V, VDS=100V, f=1MHz
V
BVDSS
VGS=10V, VDS=400V, ID=3.5A,
RG=25Ω
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=480V, ID=3.5A
RDS(ON)
Static Drain-Source On-Resistance
IS=3.5A,VGS=0V, TJ=25°C
Gate resistance
ID=250µA, VGS=0V, TJ=25°C
VDS=0V, VGS=±30V
VDS=480V, TJ=150°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V, TJ=150°C
IDSS
Effective output capacitance, time
related
J
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
µA
VDS=600V, VGS=0V
VDS=5V,ID=250µA
Drain-Source Breakdown Voltage
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. L=60mH, IAS=1.7A, VDD=150V, Starting TJ=25°C
I. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
J. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
K. Wave soldering only allowed at leads.
Rev0: Aug 2011
www.aosmd.com
Page 2 of 7


Similar Part No. - AOD7S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD7S60 ISC-AOD7S60 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD7S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOW7S60 AOSMD-AOW7S60 Datasheet
276Kb / 6P
   600V 7A a MOS TM Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
   650V 7A a MOS Power Transistor
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
   650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
   650V 7A a MOS TM Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
   600V 20A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com