Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9020JE Datasheet(PDF) 11 Page - Analog Devices

Part # AD9020JE
Description  10-Bit 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9020JE Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9020JE Datasheet HTML 4Page - Analog Devices AD9020JE Datasheet HTML 5Page - Analog Devices AD9020JE Datasheet HTML 6Page - Analog Devices AD9020JE Datasheet HTML 7Page - Analog Devices AD9020JE Datasheet HTML 8Page - Analog Devices AD9020JE Datasheet HTML 9Page - Analog Devices AD9020JE Datasheet HTML 10Page - Analog Devices AD9020JE Datasheet HTML 11Page - Analog Devices AD9020JE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9020
–11–
REV. A
1
2
4
6 8 10
20
60
100
200
40
INPUT FREQUENCY – MHz
20
26
32
38
44
50
56
62
10.0
9.0
8.0
7.0
6.0
5.0
4.0
ENCODE RATE = 40MSPS
+25
°C
+55
°C & +125°C
AD9020 SNR and ENOB vs. Input Frequency
1
2
4
6
8 10
20
60
100
40
40
45
50
55
60
65
70
INPUT FREQUENCY – MHz
35
30
+125 C
–55 C
+25 C
AD9020 Harmonics vs. Input Frequency
20
26
32
38
44
50
56
62
10.0
9.0
8.0
7.0
6.0
5.0
4.0
1
2
4
6
8 10
20
40
100
CONVERSION RATE – MSPS
60
ANALOG INPUT = 2.3MHz
AD9020 SNR and ENOB vs. Conversion Rate
ANALOG INPUT
– Volts
(A
)
IN
48
47
45
44
–1.8
–1.2
–0.6
0
10
70
60
50
40
30
20
0.6
+
1.2
+
1.8
+
46
RESISTANCE
CAPACITANCE
Input Capacitance/Resistance vs. Input Voltage
AD9020 Truth Table
Offset Binary
Twos Complement
Step
Range
True
Inverted
True
Inverted
0
= –1.75 V
MSB INV = “0”
MSB INV = “1”
MSB INV = “1”
MSB INV = “0”
FS = +1.75 V
LSBs INV = “0”
LSBs INV = “1”
LSBs INV = “0”
LSBs INV = “1”
1024
> +1.7500
(1)1111111111
(1)0000000000
(1)0111111111
(1)1000000000
1023
+1.7466
1111111111
0000000000
0111111111
1000000000
1022
+1.7432
1111111110
0000000001
0111111110
1000000001
••
••
••
512
+0.0034
1000000000
0111111111
0000000000
1111111111
511
0.000
0111111111
1000000000
1111111111
0000000000
510
–0.0034
0111111110
1000000001
1111111110
0000000001
••
••
••
02
–1.7432
0000000010
1111111101
1000000010
0111111101
01
–1.7466
0000000001
1111111110
1000000001
0111111110
00
<–1.7466
0000000000
1111111111
1000000000
0111111111
The overflow bit is always 0 except where noted in parentheses ( ). MSB INVERT and LSBs INVERT are considered dc controls.


Similar Part No. - AD9020JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
More results

Similar Description - AD9020JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com