Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8804AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD8804AR
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8804AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8804AR Datasheet HTML 2Page - Analog Devices AD8804AR Datasheet HTML 3Page - Analog Devices AD8804AR Datasheet HTML 4Page - Analog Devices AD8804AR Datasheet HTML 5Page - Analog Devices AD8804AR Datasheet HTML 6Page - Analog Devices AD8804AR Datasheet HTML 7Page - Analog Devices AD8804AR Datasheet HTML 8Page - Analog Devices AD8804AR Datasheet HTML 9Page - Analog Devices AD8804AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8802/AD8804
REV. 0
–6–
HOURS OF OPERATION AT 150
°C
0.04
–0.04
0
–0.02
0.02
0
600
200
300
500
VDD = +4.5V
VREF = +4.5V
SS = 176 PCS
x + 2
σ
x
x – 2
σ
100
400
Figure 13. Full-Scale Error Accelerated by Burn-In
HOURS OF OPERATION AT 150
°C
1.0
–1.0
0
–0.5
0.5
0
600
200
300
400
VDD = +4.5V
VREF = +4.5V
CODE = 55H
SS = 176 PCS
x + 2
σ
x
x – 2
σ
100
500
Figure 14. REF Input Resistance Accelerated by Burn-In
OPERATION
The AD8802/AD8804 provides twelve channels of program-
mable voltage output adjustment capability. Changing the pro-
grammed output voltage of each DAC is accomplished by
clocking in a 12-bit serial data word into the SDI (Serial Data
Input) pin. The format of this data word is four address bits,
MSB first, followed by 8 data bits, MSB first. Table I provides
the serial register data word format. The AD8802/AD8804 has
the following address assignments for the ADDR decode which
determines the location of the DAC register receiving the serial
register data in Bits B7 through B0:
DAC# = A3
× 8 + A2 × 4 + A1 × 2 + A0 + 1
DAC outputs can be changed one at a time in random se-
quence. The fast serial-data loading of 33 MHz makes it pos-
sible to load all 12 DACs in as little time as 4.6
µs (13
× 12 ×
30 ns). The exact timing requirements are shown in Figure 15.
Table I. Serial-Data Word Format
ADDR
DATA
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1 B0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1 D0
MSB
LSB MSB
LSB
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
The AD8802 offers a midscale preset activated by the RS pin
simplifying initial setting conditions at first power-up. The
AD8804 has both a VREFH and a VREFL pin to establish indepen-
dent positive full-scale and zero-scale settings to optimize reso-
lution. Both parts offer a power shutdown SHDN which places
the DAC structure in a zero power consumption state resulting
in only leakage currents being consumed from the power supply
and VREF inputs. In shutdown mode the DACX register settings
are maintained. When returning to operational mode from
power shutdown the DAC outputs return to their previous volt-
age settings.
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
DAC REGISTER LOAD
1
0
1
0
1
0
+5V
0V
SDI
CLK
CS
VOUT
Figure 15a. Timing Diagram
AX OR DX
AX OR DX
1
0
1
0
1
0
+5V
0V
SDI
(DATA IN)
CLK
CS
VOUT
±1/2 LSB
±1/2 LSB ERROR BAND
tCSH
tCL
tCSS
tDS
tDH
tCS1
DETAIL SERIAL DATA INPUT TIMING (RS = "1")
tCSW
tCH
tS
Figure 15b. Detail Timing Diagram
tS
tRS
±1 LSB
±1 LSB ERROR BAND
1
0
+5V
2.5V
RS
VOUT
RESET TIMING
Figure 15c. Reset Timing Diagram


Similar Part No. - AD8804AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804AR AD-AD8804AR Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AR AD-AD8804AR Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AR AD-AD8804AR Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ARU AD-AD8804ARU Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ARU AD-AD8804ARU Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
More results

Similar Description - AD8804AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804 AD-AD8804_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ANZ AD-AD8804ANZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com