Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD6N50 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD6N50
Description  500V,5.3A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD6N50 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD6N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD6N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD6N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD6N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD6N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD6N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD6N50
Symbol
Min
Typ
Max
Units
500
600
BVDSS
/∆TJ
0.6
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.4
4.1
4.5
V
RDS(ON)
1.2
1.4
gFS
5
S
VSD
0.76
1
V
IS
Maximum Body-Diode Continuous Current
5
A
ISM
17
A
Ciss
430
538
670
pF
Coss
40
58
80
pF
Crss
2.5
4.5
7
pF
Rg
1.2
2.3
3.5
Qg
9
11.5
14
nC
Qgs
3
3.8
4.6
nC
Qgd
2
4.1
6.2
nC
tD(on)
18
ns
tr
32
ns
tD(off)
34
ns
VGS=10V, VDS=400V, ID=5A
Turn-On DelayTime
Gate Source Charge
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
Diode Forward Voltage
VDS=0V, VGS=±30V
VDS=40V, ID=2.5A
Forward Transconductance
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=250V, ID=5A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
BVDSS
µA
V
Static Drain-Source On-Resistance
VGS=10V, ID=2.5A
Reverse Transfer Capacitance
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IDSS
Zero Gate Voltage Drain Current
VDS=500V, VGS=0V
Gate Drain Charge
VDS=5V ID=250µA
VDS=400V, TJ=125°C
IS=1A,VGS=0V
tD(off)
34
ns
tf
22
ns
trr
145
182
220
ns
Qrr
1.7
2.2
2.7
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=5A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
RG=25Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=5A,dI/dt=100A/µs,VDS=100V
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C in a TO252 package, using junction-to-case thermal resistance, and is more useful in
setting the upper dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C.
G.These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. L=60mH, I
AS=2.8A, VDD=150V, RG=10Ω, Starting TJ=25°C
Rev0: April 2012
www.aosmd.com
Page 2 of 6


Similar Part No. - AOD6N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD6N50 ISC-AOD6N50 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD6N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com