Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOU3N50 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOU3N50
Description  500V, 3A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU3N50 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOU3N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU3N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU3N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU3N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU3N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOU3N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOD3N50/AOU3N50
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
6
0
5
10
15
20
25
30
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=5.5V
6V
10V
6.5V
0.1
1
10
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55°C
V
DS=40V
25°C
125°C
1.0
2.0
3.0
4.0
5.0
0
1
2
3
4
5
6
7
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
V
GS=10V
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=1.5A
40
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
I
D=30A
25°
125°
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
T
J (
oC)
Figure 5: Break Down vs. Junction Temperature
Rev 6: Aug 2011
www.aosmd.com
Page 3 of 6


Similar Part No. - AOU3N50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOU3N50 VBSEMI-AOU3N50 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOU3N50 ISC-AOU3N50 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOU3N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT3N50 AOSMD-AOT3N50 Datasheet
146Kb / 6P
   500V, 3A N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50_10 Datasheet
164Kb / 6P
   500V, 3A N-Channel MOSFET
AOD3N50 AOSMD-AOD3N50 Datasheet
174Kb / 6P
   3A, 500V N-Channel MOSFET
AOD3C50 AOSMD-AOD3C50 Datasheet
316Kb / 6P
   500V,3A N-Channel MOSFET
logo
Unisonic Technologies
3N50Z UTC-3N50Z Datasheet
178Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
logo
STMicroelectronics
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com