Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOU1N60 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOU1N60
Description  600V,1.3A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU1N60 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOU1N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU1N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU1N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU1N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU1N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOU1N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOD1N60/AOU1N60/AOI1N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
0.5
1
1.5
2
0
5
10
15
20
25
30
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=5.5V
6V
10V
6.5V
0.1
1
10
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55°C
V
DS=40V
25°C
125°C
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
0
0.5
1
1.5
2
2.5
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
V
GS=10V
0
0.5
1
1.5
2
2.5
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=0.5A
40
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
I
D=30A
25°
125°
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
T
J (
oC)
Figure 5: Break Down vs. Junction Temperature
Rev 5: Aug 2011
www.aosmd.com
Page 3 of 6


Similar Part No. - AOU1N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOU1N60 AOSMD-AOU1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOU1N60 ISC-AOU1N60 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOU1N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
1N50_1109 UTC-1N50_1109 Datasheet
177Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFD120 INTERSIL-IRFD120 Datasheet
52Kb / 6P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com