Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82357120050 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82357120050
Description  0402 ESD Suppressor "LC"||" "485013
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82357120050 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82357120050 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82357120050 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82357120050 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82357120050 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Artikelnummer / part number :
823 57 120 050
Bezeichnung :
description :
0402 ESD Suppressor "LC"
SMD size: 0402
C Lötpad / soldering spec. :
RECOMMENDED SOLDER PAD LAYOUT
(Unit : mm)
1 - The solder paste shall be printed in a thickness of 150 to 200µm.
2 - The SIR test of the solder paste shall be done(Based on JIS-Z-3284)
3 - IR reflow Pb Free Process suggestin profile (Based on J-STD-020-C):
Spezifikation für Freigabe / specification for release
Kunde / customer :
Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and gradual cooling process is
suggested. IR soldering has the highest yields due to controlled heating rates and solder liquidus times. Make sure that the element is not
subjected to a thermal gradient steeper than 3 degrees per second. 2 degrees per second is the ideal gradient. During the soldering process,
SISE
A
B
C
D
0201
0.25
0.32
0.85
0.3
0402
0.4 ~ 0.6
1.0 ~1.8
0.6 ~0.7
0.6 ~1.2
0603
0.8 ~ 1.2
1.7 ~3.0
1.2 ~1.6
0.9 ~1.8
0805
1.0 ~1.5
2.1 ~3.8
1.5 ~2.1
1.1 ~2.3
1206
1.8 ~2.5
3.0 ~5.8
1.8 ~2.6
1.2 ~3.3
1210
1.8 ~2.5
3.2 ~6.1
2.8 ~3.8
1.3 ~3.5
1812
2.5 ~3.5
4.0 ~7.3
3.3 ~4.5
1.5 ~3.8
2220
3.5 ~4.6
5.0 ~8.5
5.2 ~6.2
1.5 ~3.9
4 - Soldering recommend paste is Sn 96.5/Ag 3.5
- Preheat
1.The temperature rising speed is suggested to be 2~3℃/s.
2.Appropriate preheat time will be from 60 to 120 seconds.
3.Temp. maintain at 175 +/-25°C 120 seconds.
- Heating
1.Careful about sudden rise in temperature as it may worsen
the solder ability.
2.Set the peak temperature in 235℃10-20s or 260°C 3-10s.
- Cooling
1.Ramp down rate 6°C/s max.
※Perform adequate test in advance as the reflow temperature
profile will vary according to the conditions of the manufacturing
process, and the specification of the reflow furnace
4 - Hand Soldering Process
Preheating 150°C
Temperature of soldering iron tip 380°C max. 3 to 5 sec
The Varistorrs shall be cooled gradually at room ambient temperature
5 - Ultrasonic cleaning
For preventing failures or damages. Frequency 29MHz max - radied Power 20W/l max - Period 5mn max
subjected to a thermal gradient steeper than 3 degrees per second. 2 degrees per second is the ideal gradient. During the soldering process,
pre- heating to within 175 degrees of the solders peak temperature is essential to minimize thermal shock.
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Time (mn)
250
75
100
125
150
175
200
225
01:00:00
25
02:00:00
03:00:00
04:00:00
Peak Temp.
260°C
(3 to 10sec)
Peak Temp.
175°C
(60 to 120sec)
Peak Temp.
245°C
(10 to 20sec)
275
Time (mn)
250
75
100
125
150
175
200
225
01:00:00
25
02:00:00
03:00:00
04:00:00
Peak Temp.
260°C
(3 to 10sec)
Preheat.
175°C 150sec max.
275
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
PAGE/SEITE 2 - TO/VON 4


Similar Part No. - 82357120050

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82357120100 WURTH-82357120100 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357120220 WURTH-82357120220 Datasheet
353Kb / 4P
   0402 ESD Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com