Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOC2412 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOC2412
Description  20V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2412 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOC2412 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2412 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2412 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2412 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2412 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOC2412
20V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=4.5V)
4.5A
RDS(ON) (at VGS=4.5V)
< 23m
RDS(ON) (at VGS=2.5V)
< 26m
RDS(ON) (at VGS=1.8V)
< 30m
Typical ESD protection
HBM Class 3A
Symbol
The AOC2412 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 1.8V while retaining a 8V
VGS(MAX) rating.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
20V
Top View
Bottom View
Pin1(G)
G
S
2
3
1
4
D
D
MCSP 1.57x1.57_4
Top View
Bottom View
G
D
S
Symbol
VDS
VGS
TA=25°C
ID
IDM
TA=25°C
PD
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Note 1. Mounted on minimum pad PCB
Note 2. PW <300 µs pulses, duty cycle 0.5% max
0.55
°C/W
Maximum Junction-to-Ambient
A D
230
Maximum Junction-to-Ambient
A
°C
Thermal Characteristics
Typ
Drain-Source Voltage
20
A
4.5
65
V
±8
Gate-Source Voltage
Source Current (Pulse)
Note2
V
Maximum
Units
Parameter
Max
Junction and Storage Temperature Range
-55 to 150
Source Current (DC)
Note1
Power Dissipation
Note1
°C/W
RθJA
140
190
170
Units
Parameter
W
Rev 0 : Nov. 2012
www.aosmd.com
Page 1 of 5


Similar Part No. - AOC2412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
   30V P-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
   8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
   20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results

Similar Description - AOC2412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com