Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82356120220 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82356120220
Description  0603 ESD Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82356120220 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82356120220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82356120220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82356120220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82356120220 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Artikelnummer / part number :
823 56 120 220
Datum / Date :
2006-10-15
Bezeichnung :
description :
0603 ESD Suppressor
SMD size: 0603
A Mechanische Abmessungen / dimensions :
SIZE
(Unit : mm)
B Elektrische Eigenschaften / electrical properties :
TECHNICAL DATA
Working
Max. Clamping
Typ.
Leakage
ESD Pulse
ESD Voltage
Voltage
Voltage
Clamp. V
Current
Withstand
air discharge
DC
V (*1)
V (*2)
µA (*3)
kV (*4)
pF
Spezifikation für Freigabe / specification for release
Part Number
Kunde / customer :
Capacitance
ROHS Compliant
SISE
W
L
T
a
0201
0.3
0.6
0.3
0.15
0402
0.5
1.0
0.6
0.25
0603
0.8
1.6
0.9
0.3
0805
1.25
2.0
1.2
0.3
1206
1.6
3.2
1.5
0.5
1210
2.5
3.2
1.5
0.5
1812
3.2
4.5
2.0
0.5
2220
5.0
5.7
2.5
0.5
823 56 120 220
12
55
-
1
-
+/-15
22
* 1 Max. Clamping Voltage at 8/20 waveformand 1 A pulse current
Capacitance tolerance:
+/-30%
* 2 Typ. Clamping Voltage per 8 kV ESD contact discharge method
Capacitance measured at:
1MHz
* 3 Leakage Current at max operating voltage, the max leakage current was measured at reliability test
* 4. ESD Typ. Withstands Voltage design and method guarantee this property
WAVE FORM
ESD LEVEL IEC61000-4-2
Severity Level
Air Discharge
Direct Discharge
1
2 kV
2 kV
2
4 kV
4 kV
3
8 kV
6 kV
4
15 kV
8 kV
5
Special
Special
REFERENCE DATA
Response time
Trise
<
1
ns
Operating ambientg temperature
-40~+85
Storage temperature
-50~+125
Max. temperature solder
260/10s
OTHER DATA
Body
ZnO
End termination
Ag/Ni/Sn
Packaging
Reel
Complies with Standard
IEC61000-4-2
Procedure
Solgel
Marking
None
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
PAGE/SEITE 1 - TO/VON 4


Similar Part No. - 82356120220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82356120050 WURTH-82356120050 Datasheet
353Kb / 4P
   0603 ESD Suppressor "LC"||" "484991
DC axial compact fan
82356120100 WURTH-82356120100 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356120330 WURTH-82356120330 Datasheet
353Kb / 4P
   0603 ESD Suppressor
More results

Similar Description - 82356120220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82356050560 WURTH-82356050560 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356120100 WURTH-82356120100 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356050101 WURTH-82356050101 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356120330 WURTH-82356120330 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356050100 WURTH-82356050100 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356050220 WURTH-82356050220 Datasheet
353Kb / 4P
   0603 ESD Suppressor
82356240030 WURTH-82356240030 Datasheet
353Kb / 4P
   0603 ESD Suppressor "LC"||" "485004
DC axial compact fan
82356120050 WURTH-82356120050 Datasheet
353Kb / 4P
   0603 ESD Suppressor "LC"||" "484991
DC axial compact fan
82356050050 WURTH-82356050050 Datasheet
353Kb / 4P
   0603 ESD Suppressor "LC"||" "484948
MM74HC125, MM74HC126 3-STATE Quad Buffers
logo
Littelfuse
PGB0010603MR LITTELFUSE-PGB0010603MR Datasheet
212Kb / 3P
   PGB Series 0603 Surface Mount ESD Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com