Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF2918L Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOTF2918L
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF2918L Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOTF2918L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF2918L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AOT2918L/AOB2918L/AOTF2918L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
200
300
400
500
600
700
800
900
1000
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-Case
C
oss
C
rss
V
DS=50V
I
D=20A
T
J(Max)=175°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe Operating
Area for AOT2918L and AOB2918L (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
T
J(Max)=175°C
T
C=25°C
100
µs
40
for AOT2918L and AOB2918L (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance for AOT2918L and AOB2918L (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Area for AOT2918L and AOB2918L (Note F)
RθJC=0.56°C/W
Rev2 : Feb 2011
www.aosmd.com
Page 4 of 7


Similar Part No. - AOTF2918L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF2918L ISC-AOTF2918L Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF2918L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com