Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV04 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SV04
Description  TinyLogic짰 ULP-A Inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV04 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SV04_10 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV04_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2010
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SV04 • Rev. 1.0.4
NC7SV04
TinyLogic
® ULP-A Inverter
Features
0.9V to 3.6V VCC Supply Operation
3.6V Over-Voltage Tolerant I/Os at VCC from
0.9V to 3.6V
Extremely High Speed tPD
- 1.5ns: Typical for 2.7V to 3.6V VCC
- 1.8ns: Typical for 2.3V to 2.7V VCC
- 2.0ns: Typical for 1.65V to 1.95V VCC
- 3.2ns: Typical for 1.4V to 1.6V VCC
- 6.0ns: Typical for 1.1V to 1.3V VCC
- 12.0ns: Typical for 0.9V VCC
Power-Off High-Impedance Inputs and Outputs
High Static Drive (IOH/IOL)
-
±24mA at 3.00V V
CC
-
±18mA at 2.30V V
CC
-
±6mA at 1.65V V
CC
-
±4mA at 1.4V V
CC
-
±2mA at 1.1V V
CC
-
±0.1mA at 0.9V V
CC
Uses Proprietary Quiet Series™ Noise/EMI
Reduction Circuitry
Ultra-Small MicroPak™ Packages
Ultra-Low Dynamic Power
Description
The NC7SV04 is a single inverter from Fairchild's Ultra-
Low Power (ULP-A) Series of TinyLogic
®. ULP-A is ideal
for applications that require extreme high speed, high
drive, and low power. This product is designed for a
wide low-voltage operating range (0.9V to 3.6V VCC)
and applications that require more drive and speed than
the TinyLogic
® ULP series, but still offer best-in-class,
low-power operation.
The NC7SV04 is uniquely designed for optimized power
and speed and is fabricated with an advanced CMOS
technology to achieve high-speed operation while
maintaining low CMOS power dissipation.
Ordering Information
Part Number
Top Mark
Package
Packing Method
NC7SV04P5X
V04
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3000 Units on Tape & Reel
NC7SV04L6X
F7
6-Lead MicroPak™, 1.00mm Wide
5000 Units on Tape & Reel
NC7SV04FHX
F7
6-Lead, MicroPak2™, 1x1mm Body, .35mm Pitch
5000 Units on Tape & Reel
TinyLogic® is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak™ and Quiet Series™ are trademarks of Fairchild Semiconductor Corporation.


Similar Part No. - NC7SV04_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV04FHX ONSEMI-NC7SV04FHX Datasheet
590Kb / 13P
   TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
NC7SV04FHX ONSEMI-NC7SV04FHX Datasheet
386Kb / 10P
   TinyLogic ULP-A Inverter
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV04L6X FAIRCHILD-NC7SV04L6X Datasheet
172Kb / 9P
   TinyLogic ULP-A Inverter
NC7SV04L6X FAIRCHILD-NC7SV04L6X Datasheet
162Kb / 9P
   TinyLogic ULP-A Inverter
logo
ON Semiconductor
NC7SV04L6X ONSEMI-NC7SV04L6X Datasheet
590Kb / 13P
   TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
More results

Similar Description - NC7SV04_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04_10 Datasheet
655Kb / 9P
   NC7SP04 ??TinyLogic짰 ULP Inverter
NC7SV05 FAIRCHILD-NC7SV05_11 Datasheet
531Kb / 10P
   TinyLogic짰 ULP-A Inverter (Open-Drain Output)
NC7SV32 FAIRCHILD-NC7SV32_10 Datasheet
579Kb / 11P
   TinyLogic짰 ULP-A 2-Input OR Gate
NC7SV08 FAIRCHILD-NC7SV08_12 Datasheet
610Kb / 11P
   TinyLogic짰 ULP-A 2-Input AND Gate
logo
ON Semiconductor
NC7SV04 ONSEMI-NC7SV04 Datasheet
590Kb / 13P
   TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
NC7SP04 ONSEMI-NC7SP04_V01 Datasheet
351Kb / 11P
   TinyLogic ULP-A Inverter
February, 2021 ??Rev. 3
NC7SV05 ONSEMI-NC7SV05 Datasheet
582Kb / 12P
   TinyLogic ULP-A Inverter
September 2011 Rev. 1.0.4
NC7SV04 ONSEMI-NC7SV04_V01 Datasheet
386Kb / 10P
   TinyLogic ULP-A Inverter
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV04 FAIRCHILD-NC7SV04 Datasheet
172Kb / 9P
   TinyLogic ULP-A Inverter
NC7SV04 FAIRCHILD-NC7SV04_04 Datasheet
162Kb / 9P
   TinyLogic ULP-A Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com