Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC125MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC125MTC
Description  3-STATE Quad Buffers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC125MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC125MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 7Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 8Page - Fairchild Semiconductor MM74HC125MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC125, MM74HC126 Rev. 1.3.0
5
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 45pF, tr = tf = 6ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50pF, tr = tf = 6ns (unless otherwise specified)
Note:
4. CPD determines the no load dynamic power consumption, PD = CPD VCC
2f + I
CC VCC, and the no load dynamic
current consumption, IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ.
Guaranteed
Limit
Units
tPHL, tPLH
Maximum Propagation Delay Time
13
18
ns
tPZH
Maximum Output Enable Time to HIGH
Level
RL = 1kΩ
13
25
ns
tPHZ
Maximum Output Disable Time from
HIGH Level
RL = 1kΩ, CL = 5pF
17
25
ns
tPZL
Maximum Output Enable Time to LOW
Level
RL = 1kΩ
18
25
ns
tPLZ
Maximum Output Disable Time from
LOW Level
RL = 1kΩ, CL = 5pF
13
25
ns
Symbol
Parameter
VCC (V) Conditions
TA = 25°C
TA = –40°C
to 85°C
TA = –40°C
to 125°C
Units
Typ.
Guaranteed Limits
tPHL, tPLH Maximum Propagation
Delay Time
2.0
40
100
125
150
ns
4.5
14
20
25
30
6.0
12
17
21
25
tPLH, tPHL Maximum Propagation
Delay Time
2.0
CL = 150pF
35
130
163
195
ns
4.5
14
26
33
39
6.0
12
22
28
39
tPZH, tPZL Maximum Output
Enable Time
2.0
RL = 1kΩ
25
125
156
188
ns
4.5
14
25
31
38
6.0
12
21
26
31
tPHZ, tPLZ Maximum Output
Disable Time
2.0
RL = 1kΩ
25
125
156
188
ns
4.5
14
25
31
38
6.0
12
21
26
31
tPZL, tPZH Maximum Output
Enable Time
2.0
CL = 150pF,
RL = 1kΩ
35
140
175
210
ns
4.5
15
28
35
42
6.0
13
24
30
36
tTLH, tTHL Maximum Output
Rise and Fall Time
2.0V
CL = 50pF
30
60
75
90
ns
4.5V
7
12
15
18
6.0V
6
10
13
15
CIN
Input Capacitance
5
10
10
10
pF
COUT
Output Capacitance
Outputs
15
20
20
20
pF
CPD
Power Dissipation
Capacitance
(per gate)(4)
Enabled
45
pF
Disabled
6


Similar Part No. - MM74HC125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC125MTC FAIRCHILD-MM74HC125MTC Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125MTC FAIRCHILD-MM74HC125MTC Datasheet
90Kb / 8P
   3-STATE Quad Buffers
logo
ON Semiconductor
MM74HC125MTC ONSEMI-MM74HC125MTC Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC125MTCX-NL FAIRCHILD-MM74HC125MTCX-NL Datasheet
90Kb / 8P
   3-STATE Quad Buffers
More results

Similar Description - MM74HC125MTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F125 PHILIPS-74F125 Datasheet
77Kb / 10P
   Quad buffers 3-State
1989 March 28
logo
ON Semiconductor
MM74HC125 ONSEMI-MM74HC125 Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC125 FAIRCHILD-MM74HC125 Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125 FAIRCHILD-MM74HC125_05 Datasheet
90Kb / 8P
   3-STATE Quad Buffers
logo
Motorola, Inc
SN54LS125A MOTOROLA-SN54LS125A Datasheet
158Kb / 5P
   QUAD 3-STATE BUFFERS
MC54F125 MOTOROLA-MC54F125 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com