Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC125SJ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74HC125SJ
Description  3-STATE Quad Buffers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC125SJ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MM74HC125SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 7Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 8Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 9Page - Fairchild Semiconductor MM74HC125SJ Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC125, MM74HC126 Rev. 1.3.0
6
Physical Dimensions
Figure 1. 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AB, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD:
SOIC127P600X145-14M
E) DRAWING CONFORMS TO ASME Y14.5M-1994
F) DRAWING FILE NAME: M14AREV13
PIN ONE
INDICATOR
SEATING PLANE
DETAIL A
SCALE: 20:1
GAGE PLANE
0.25
X45°
1
0.10
C
C
B
C
A
7
M
14
B
A
8
SEE DETAIL A
5.60
0.65
1.70
1.27
8.75
8.50
7.62
6.00
4.00
3.80
(0.33)
1.27
0.51
0.35
1.75 MAX
1.50
1.25
0.25
0.10
0.25
0.19
(1.04)
0.90
0.50
0.36
R0.10
R0.10
0.50
0.25


Similar Part No. - MM74HC125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC125SJ FAIRCHILD-MM74HC125SJ Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125SJ FAIRCHILD-MM74HC125SJ Datasheet
90Kb / 8P
   3-STATE Quad Buffers
logo
ON Semiconductor
MM74HC125SJ ONSEMI-MM74HC125SJ Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HC125SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F125 PHILIPS-74F125 Datasheet
77Kb / 10P
   Quad buffers 3-State
1989 March 28
logo
ON Semiconductor
MM74HC125 ONSEMI-MM74HC125 Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC125 FAIRCHILD-MM74HC125 Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125 FAIRCHILD-MM74HC125_05 Datasheet
90Kb / 8P
   3-STATE Quad Buffers
logo
Motorola, Inc
SN54LS125A MOTOROLA-SN54LS125A Datasheet
158Kb / 5P
   QUAD 3-STATE BUFFERS
MC54F125 MOTOROLA-MC54F125 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com