Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4503M Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HCPL4503M
Description  Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503M Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL4503M_10 Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 9Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 10Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 11Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 12Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
9
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Through Hole
Surface Mount – 0.3" Lead Spacing (Option S)
Note:
All dimensions are in inches (millimeters)
0.4" Lead Spacing (Option T)
8-Pin Surface Mount DIP – Land Pattern
(Option S)
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15
° MAX
PIN 1
ID.
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
0.300 (7.62)
TYP
0.405 (10.30)
MAX.
0.315 (8.00)
MIN
0.015 (0.40) MIN
Both Sides
32
1
4
56
7
8
0.016 (0.40)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.031 (0.78)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.156 (3.94)
0.144 (3.68)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0
° to 15°
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
0.200 (5.08)
MAX


Similar Part No. - HCPL4503M_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_06 Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503M_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N136SDM FAIRCHILD-6N136SDM Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135M FAIRCHILD-6N135M_10 Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
logo
NIKO SEMICONDUCTOR CO.,...
PKC50DY NIKOSEM-PKC50DY Datasheet
284Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor (Preliminary)
logo
Dynex Semiconductor
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
logo
SiGe Semiconductor, Inc...
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
   2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Dynex Semiconductor
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
logo
GOOD-ARK Electronics
SSF2N60D2 GOOD-ARK-SSF2N60D2_15 Datasheet
917Kb / 7P
   600V N-Channel MOSFET Preliminary
logo
Micrel Semiconductor
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com