Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0453 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HCPL0453
Description  Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0453 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL0453_09 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA = 25°C
All
1.45
1.7
V
IF = 16mA
1.8
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
All
5.0
V
∆V
F / ∆TA
Temperature Coefficient of
Forward Voltage
IF = 16mA
All
-1.6
mV/°C
DETECTOR
IOH
Logic High Output Current
IF = 0mA, VO = VCC = 5.5V,
TA = 25°C
All
0.001
0.5
µA
IF = 0mA, VO = VCC = 15V,
TA = 25°C
All
0.005
1
IF = 0 mA, VO = VCC = 15V
All
50
ICCL
Logic Low Supply Current
IF = 16mA, VO = Open,
VCC = 15V
HCPL0452/3/
0500/1
120
200
µA
HCPL0530/1
/4
400
ICCH
Logic High Supply Current
IF = 0mA, VO = Open,
VCC = 15V, TA = 25°C
All
0.01
1
µA
IF = 0mA, VO = Open,
VCC = 15V
HCPL0452/3/
0500/1
2
HCPL0530/1
/4
4
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
COUPLED
CTR
Current Tranfer Ratio
(Note 1)
IF = 16mA, VO = 0.4V,
VCC = 4.5V, TA = 25°C
HCPL0500/0530
7
2.7
50
%
HCPL0452/3
19
27
50
HCPL0501/0531
IF = 16mA, VO = 0.5V,
VCC = 4.5V
HCPL0500
5
30
HCPL0452/3
15
30
HCPL0501/0534
VOL
Logic Low Output Voltage
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA = 25°C
HCPL0500
0.18
0.4
V
HCPL0530
0.5
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA = 25°C
HCPL0452/3
0.25
0.4
HCPL0501/0531/4
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
HCPL0500
HCPL0530
0.13
0.5
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
HCPL0452/3
0.23
0.5
HCPL0501/0531/4


Similar Part No. - HCPL0453_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Similar Description - HCPL0453_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0500R2 FAIRCHILD-HCPL0500R2 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD0708_0604 FAIRCHILD-FOD0708_0604 Datasheet
540Kb / 11P
   Single/Dual Channel CMOS Optocoupler
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Glenair, Inc.
050_112 GLENAIR-050_112 Datasheet
607Kb / 15P
   Media Converter, Dual or Single Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com