Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM453 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FODM453
Description  5-Pin Mini Flat Package High Speed Transistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM453 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FODM453_10 Datasheet HTML 2Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 3Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 4Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 5Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 6Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 7Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 8Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 9Page - Fairchild Semiconductor FODM453_10 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM452, FODM453 Rev. 1.0.5
6
Typical Performance Curves
Fig. 1 Input Forward Current vs Forward Voltage
VF – FORWARD CURRENT (mA)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.001
0.01
0.1
1
10
100
Fig. 2 Normalized Current Transfer Ratio vs. Input Current
I F – INPUT CURRENT (mA)
110
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Fig. 3 Normalized Current Transfer Ratio
vs. Ambient Temperature
TA – AMBIENT TEMPERATURE
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 4 Logic High Output Current
vs. Ambient Temperature
TA – TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.1
1
10
Fig. 5 DC and Pulsed Transfer Characteristics
VO – OUTPUT VOLTAGE (V)
02
4
6
8
10
1214
16
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
12
3
4
5
6
7
8
9 10
TA = 25°C
VO = 0.4V
VCC = 5V
TA = 25°C
Normalized to IF = 16mA
IF = 16mA
VO = 0.4V
VCC = 5V
Normalized to TA = 25°C
VO = VCC = 5V
IF = 0V
TA = 25°C
VCC = 5V
IF = 40mA
35mA
30mA
25mA
20mA
15mA
10mA
5mA
0
2
4
6
8
10
12
14
0.1
1
10
TA = 25°C
VCC = 5V
IF = 16mA
tPLH
tPHL
IF = 10mA


Similar Part No. - FODM453_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM453R2 ONSEMI-FODM453R2 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
FODM453R2V ONSEMI-FODM453R2V Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
FODM453V ONSEMI-FODM453V Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453_07 Datasheet
238Kb / 11P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
More results

Similar Description - FODM453_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453_07 Datasheet
238Kb / 11P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM452 ONSEMI-FODM452 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453 Datasheet
127Kb / 11P
   5-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
CT Micro International ...
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
   DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
   5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM600 CTMICRO-CTM600 Datasheet
1Mb / 13P
   10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
CT1110 CTMICRO-CT1110 Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
CT1119-W CTMICRO-CT1119-W Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com