Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMA06Q-1-AC9 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PEMA06Q-1-AC9
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEMA06Q-1-AC9 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PEMA06Q-1-AC9 Datasheet HTML 1Page - PowerDynamics, Inc PEMA06Q-1-AC9 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PEMA Series
Non-Medical Applications
SCHEMATIC 1
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
PDI
R
Cx 1,2,3
Cy
L 1,2,3
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(mH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PEMA04Q-1-AC2
1.4
9400
24
80
94
82
67
60
43
59
77
76 74
52
18
PEMA06Q-1-BC2
2.04
9400
22
86
65
59
48
38
26
66
77
76 51
18
26
PEMA06Q-1-CC2
1.68
9400
22
78
86
81
67
60
32
73
79
76 80
49
22
PEMA05Q-2-AC2
0.66
5080
13
51
76
89
72
60
39
41
48
53 54
54
25
PEMA08Q-4-AC2
1.15
7960
5
41
78
76
76
60
42
84
83
79 73
47
24
PEMA06Q-1-AC9
330K
6.6
6600
44
62
49
46
45
40
40
90
84
80 65
38
28
PEMA06Q-4-AC9
3.2
7960
24
49
75
89
68
56
39
86
89
95 68
46
24
PEMA10Q-2-AC4
6.6
7960
21
83
85
97
64
53
33
81
88 103 58
37
26
PEMA06Q-3-AC4
8.8
7960
45
84
84
93
64
52
32
89
88 100 60
39
27
PEMA06Q-4-AC4
1.15
7960
8.5
58
78
76
66
53
42
86
85
79 62
38
29
PEMA06Q-4-AC4
3.2
7960
24
49
76
88
69
57
40
85
87
96 69
45
29
PEMA15Q-4-AC4
3.2
7960
6
49
87
81
63
51
33
81
87
95 58
38
26
PEMA10Q-5-AC4
50K
3.67
9400
20.6
85
91
84
72
62
50
88
89
86 75
52
16
L mH
L mH
L'
N'
C1
G
L
N
L1
C3
2
Cy
Cy
R
L mH
L mH
C
L2
SCHEMATIC 2
L mH
L mH
L'
N'
C1
G
L
N
L1
C3
2
Cy
Cy
R
L mH
L mH
C
L2
Cy
Cy
SCHEMATIC 3
L mH
L mH
L'
N'
C1
L1
C3
2
Cy
Cy
L mH
L mH
C
L2
Cy
Cy
R
G
L
N
SCHEMATIC 4
SCHEMATIC 5
L mH
L mH
R
L1
L mH
L mH
L3
G
L
N
C1
L mH
L mH
L2
Cy
Cy
L'
N'
C2
Cy
Cy
G
L mH
L mH
L
N
L
C1
2
C2
L mH
L mH
R
L1
Cy
Cy
C3
L
L mH
L mH
L4
L mH
L mH
L'
N'
C4
3
Current
Rating (A)
4
6
6
5
8
6
6
10
6
6
6
15
10
48
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEMA06Q-1-AC9

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
logo
VIGO Photonics S.A.
PEM VIGO-PEM Datasheet
737Kb / 2P
   2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PEM-10.6 VIGO-PEM-10.6 Datasheet
737Kb / 2P
   2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
   60 GHz Transmitter Tx Waveguide Module
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEMA06Q-1-AC9

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
logo
PowerDynamics, Inc
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com