Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3P50PS-4-G4 Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PE3P50PS-4-G4
Description  3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P50PS-4-G4 Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PE3P50PS-4-G4 Datasheet HTML 1Page - PowerDynamics, Inc PE3P50PS-4-G4 Datasheet HTML 2Page - PowerDynamics, Inc PE3P50PS-4-G4 Datasheet HTML 3Page - PowerDynamics, Inc PE3P50PS-4-G4 Datasheet HTML 4Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA
Rated Voltage: 500VAC
Rated Current: 10A, 20A, 30A, 40A, 50A, 60A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 1.3mA (10A ~ 30A)
@ 500VAC, 60Hz: 2.0mA (40A ~ 60A)
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +50C
TECHNICAL DATA
Rated Voltage: 500VAC
Rated Current: 10A, 20A, 30A, 40A, 50A, 60A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 1.3mA (10A ~ 30A)
@ 500VAC, 60Hz: 2.0mA (40A ~ 60A)
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +50C
PE3P Series
SCHEMATIC 4; CASE G2, G3, G4
SCHEMATIC 3; CASE G2, G3
Non-Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
PDI
R
Cx
Cy
L1
L2
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(uH x 2) uH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P10PS-3-G2
200
2.8
25
35
40
40
39
31
15
34
46
46 46
32
PE3P20PS-3-G2
2200
90
1.6
20
31
40
39
39
31
10
32
42
42 42
31
PE3P30PS-3-G2
550K
0.22
52
0.9
20
30
30
40
40
30
10
25
31
42 42
31
PE3P40PS-3-G3
130
1.1
22
32
32
35
41
30
10
26
31
37 42
37
PE3P50PS-3-G3
3300
75
0.6
20
31
31
38
42
36
10
25
32
37 42
38
PE3P60PS-3-G3
25
0.4
20
30
30
40
40
35
10
23
28
32 32
39
R
R
L2
L2
L'1
L'2
L'3
L1
L2
L3
C1
C1
R
C1
Cy
Cy
Cy
E
L1
L1
L1
Non-Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
C1
R
C1
R
L1
L1
C1
R
Cy
Cy
Cy
L1
L2
L3
L2
L2
C 2
C 2
C 2
L'1
L'2
L'3
E
Current
Rating (A)
10
20
30
40
50
60
Current
Rating (A)
10
20
30
40
50
60
PDI
R
Cx (1, 2)
Cy
L1,2
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(uH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P10PS-4-G2
2.8
22
55
58
58
55
33
32
62
62
62
54
42
PE3P20PS-4-G2
0.47
2200
1.6
21
58
58
58
56
32
35
65
66
66
56
42
PE3P30PS-4-G3
550K
0.9
20
55
56
56
52
32
35
66
66
66
56
42
PE3P40PS-4-G4
1.1
21
56
55
55
52
32
30
61
61
61
52
42
PE3P50PS-4-G4
0.68
3300
0.6
21
55
55
55
52
32
30
61
61
61
52
42
PE3P60PS-4-G4
0.4
21
54
52
52
50
30
28
58
58
58
47
42
51
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PE3P50PS-4-G4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-100PS-3-C5 POWERDYNAMICS-PE3P4W-100PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-10PS-1-G2A POWERDYNAMICS-PE3P4W-10PS-1-G2A Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-150PS-3-C5 POWERDYNAMICS-PE3P4W-150PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-200PS-3-C5 POWERDYNAMICS-PE3P4W-200PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results

Similar Description - PE3P50PS-4-G4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
   3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com