Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGN-367A01S-16-2ET Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # HGN-367A01S-16-2ET
Description  FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-367A01S-16-2ET Datasheet(HTML) 2 Page - PowerDynamics, Inc

  HGN-367A01S-16-2ET Datasheet HTML 1Page - PowerDynamics, Inc HGN-367A01S-16-2ET Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT RATING (A):
= 01
= 02
= 03
= 04
= 06
= 08
= 10
TERMINAL:
= Q
= S
FUSE OPTION:
= 1
= 2
QUICK CONNECT
SOLDER
1 FUSE (5X20MM)
2 FUSE (5X20MM)
HGN-367A Series Example & Ordering Code
6.3/0.25
A
SCHEMATICS
MEDICAL
SCHEMATICS
1
2
3
* VDE submitted
8.0
3.0 -3.6L
6.6
2.0 -3.0L
S
OPTIONS:
= 0
= 5
= 6
= 7
= 8
= 9
NO BLEEDER RESISTOR & NO GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
BLEEDER RESISTOR (1/4 W, 1M) & GROUND CHOKE
BLEEDER RESISTOR (1/2 W, 1M) & GROUND CHOKE
GROUND CHOKE (100
µH)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 1M
= 2M
STANDARD TYPE
WITH C(X) & C(Y) BEHIND L
WITHOUT C(X); C(Y) ONLY
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
= M9
TYPE OF MOUNTING:
= BLANK
= T
= S
FLANGE MOUNT
SNAP-IN TABS - TOP BOTTOM
SNAP-IN TABS - SIDE
CX
L mH
L mH
Cy
L
L'
N'
G'
Cy
R
L
N
Fuse
Fuse
G
Lg
CX
L mH
L mH
L
Cy
L'
N'
G'
Cy
L
N
Fuse
Fuse
G
Lg
R
L mH
L mH
Cy
L
L'
N'
G'
Cy
L
N
Fuse
Fuse
G
Lg
R
CX
L mH
L mH
L
L'
N'
R
L
N
Fuse
Fuse
G
Lg
G'
CX
L mH
L mH
L
L'
N'
G'
L
N
Fuse
Fuse
G
Lg
R
2M
1M
Cap C(x) 1A (mH) 2A (mH) 3A (mH) 4A (mH) 6A (mH)
8A (mH) 10A (mH)
0.1µF
6.5
3.8
2.5
1.6
0.8
1.05
0.2
0.015µF
1.9
1.5
1.1
0.8
0.6
*
0.3
0.1µF
3.7
2.7
1.8
1.3
*
*
0.3
0.1µF
*
4.2
*
1.7
*
*
*
0.047µF
4.6
3.4
2.5
1.4
6.0
*
0.3
0.033µF
9.5
4.3
1.8
1.2
0.85
*
0.3
0.22µF
6.5
4.0
2.5
2.0
0.8
1.05
0.3
0.047µF
10.5
4.0
1.2
0.9
0.53
*
*
0.033µF
5.0
3.7
*
1.1
0.6
*
0.2
Medical applications, select Attenuation code with corresponding component values from the table.
Cap C(x) Cap C(y)
1A (mH) 2A (mH) 3A (mH) 4A (mH) 6A (mH) 8A (mH) 10A (mH)
0.1µF
2200pF
6.5
3.8
2.5
1.6
0.8
1.05
0.2
0.015µF
3300pF
1.9
1.5
1.1
0.8
0.6
*
0.3
0.1µF
3300pF
3.7
2.7
1.8
1.3
0.8
1.05
0.3
0.1µF
1000pF
10.5
4.2
2.5
1.7
1.05
*
0.3
0.047µF
3300pF
4.6
3.4
2.5
1.4
0.9
*
0.3
0.033µF
3300pF
9.5
4.3
1.8
1.2
0.85
*
0.3
0.22µF
2200pF
6.5
4.0
2.5
2.0
0.85
1.05
0.3
0.22µF
3300pF
6.5
4.0
2.5
2.0
0.85
1.05
0.3
0.047µF
2200pF
10.5
4.0
1.2
0.9
0.53
*
0.3
0.033µF
2200pF
5
3.7
1.8
1.1
0.6
*
0.2
*
*
10.5
6.5
2.5
2.7
1.05
*
0.3
Contact PDI for attenuation numbers
Flange mount only
*
Contact PDI for availability
-
-
01
Q
1
5
1
HGN-367A
74
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-367A01S-16-2ET

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F1 POWERDYNAMICS-HGN-365-1M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F2 POWERDYNAMICS-HGN-365-1M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F1 POWERDYNAMICS-HGN-365-2M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F2 POWERDYNAMICS-HGN-365-2M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-367A01S-16-2ET

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-375A POWERDYNAMICS-HGN-375A Datasheet
490Kb / 3P
   FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
44R01-X131-XXX POWERDYNAMICS-44R01-X131-XXX Datasheet
61Kb / 1P
   IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com