Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM1684VTG Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM48AM1684VTG
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1684VTG Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM48AM1684VTG Datasheet HTML 3Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 4Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 5Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 6Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 7Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 8Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 9Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 10Page - Eorex Corporation EM48AM1684VTG Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EM48AM1684VTG
Jun. 2010
7/20
www.eorex.com
Recommended DC Operating Conditions
(VDD=3.3V±0.3V, TA=0°C ~70°C)
Max.
Symbol
Parameter
Test Conditions
-6
-7
Units
ICC1
Operating Current
(Note 1)
Burst length=1, one bank
tRC≥tRC(min.), IOL=0mA,
One bank active
110
110
mA
ICC2P
CKE
≤VIL(max.), tCK=min.
12
12
mA
ICC2PS
Precharge Standby Current in
Power Down Mode
CKE
≤VIL(max.), tCK=
5
5
mA
ICC2N
tCK=min.
38
38
mA
ICC2NS
Precharge Standby Current in
Non-power Down Mode
CKE
≥VIL(min.), /CS=VIH
tCK=
28
28
mA
ICC3P
CKE
≤VIL(max.),
power down mode
35
35
mA
ICC3N
No Operating Current
tCK=min. /CS=VIH(min.)
4banks active
CKE
≥VIL(min.)
65
65
mA
ICC4
Operating Current (Burst
Mode)
(Note 2)
tCCD≥2CLKs, IOL=0mA
105
100
mA
ICC5
Auto Refresh Current
(Note 3)
tCK=min.
150
140
mA
Standard
6
6
mA
ICC6
Self Refresh Current,
CKE
≤0.2V
Low Power
1.2
1.2
mA
*All voltages referenced to VSS.
Note 1:
ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2:
ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3:
Input signals are changed only one time during tCK (min.)
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤VI≤VDDQ, VDDQ=VDD
All other pins not under
test=0V
-10
-
+10
uA
IOL
Output Leakage Current
0
≤VO≤VDDQ, DOUT is disabled
-10
-
+10
uA
VOH
High Level Output Voltage
IO=-4mA
2.4
-
-
V
VOL
Low Level Output Voltage
IO=+4mA
-
-
0.4
V


Similar Part No. - EM48AM1684VTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTB EOREX-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB-75F ETC2-EM48AM1684VTB-75F Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTB-75F EOREX-EM48AM1684VTB-75F Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB-75FE ETC2-EM48AM1684VTB-75FE Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM48AM1684VTG

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com