Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX460E034624 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNX460E034624
Description  CNX 460 CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX460E034624 Datasheet(HTML) 1 Page - Visual Communications Company

  CNX460E034624 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOCKWASHER - STEEL, NICKEL PLATE
FOR ADDITIONAL
MOISTURE SEAL - EPDM
(ORDER SEPARATELY)
12
LENS - POLYCARBONATE, UL RATING 94-V2
10MM BI-LEAD
10MM TRI-LEAD
LEDS
HMS 464
HMS 462
OPTIONS
4 INCHES (101.6mm)
HMC 463
HMC 461
CNX 460
6 INCHES (152.4mm)
6
2
WHITE - BLACK - RED
0
RED - BLACK
WHITE - BLACK - RED - GREEN
CABLE ORDERING CODE EXAMPLE:
E =
3 WIRES
06
12
04 =
WIRE COLOR *
4 WIRES
FOR BI-LEAD - TRIM TO .300"
1
0.010 (7.620mm
WHITE - BLACK
0.254)
FOR HI-FLUX - NO TRIM REQUIRED
1
24
2 WIRES
1
03 =
WIRE SIZE *
4
5.
LED LEAD LENGTH:
4.
PANEL THICKNESS: .030" ( .762mm) MIN - .188" (4.775mm) MAX
3.
MOUNTING: HOLE SIZE - 9/16" (14.288mm) OPENING ON 3/4" (19.05mm) CENTER
08
WIRE LENGTH *
04
8 INCHES (203.2mm)
(ORDER SEPARATELY)
LENS
TERMINALS - PHOSPHOR BRONZE, TIN PLATE
E02
WIRE - 24 AWG 1007/ 1569
TERMINATION *
X =
STRIPPED ENDS
SINGLE ROW LOCKING HEADER
D =
DUAL ROW LOCKING HEADER
18 INCHES (457.2mm)
18
12 INCHES (304.8mm)
02 =
7.
U.S. & FOREIGN PATENT ISSUED
USE HMS 462 OR HMS 464 LENS ( EXCEEDS NEMA 6P/ IP 67)
6.
FOR DRY APPLICATIONS USE HMC 461 OR HMC 463 LENS ; FOR DUST AND WET CONDITIONS
FOR TRI-LEAD - CONTACT FACTORY
24 AWG
4
2
24 INCHES (609.6mm)
* CALL FACTORY
NOTES:
ROHS COMPLIANT
1.
MATERIAL:
2.
PANEL CONNECTOR SOCKET - POLYESTER, UL RATING 94-V0
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
001
REVISED PER ECR 111009AZ01
11/26/10
KH
DPZ
431
001
REVISED PER ECR 050112KH01
5/9/12
KH
ED
A WHOLE WITHOUT THE WRITTEN
COMMUNICATIONS COMPANY, INC IS
PHONE: (800) 522-5546 EMAIL: vccsales@vcclite.com
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
DRAWN
B
SCALE: 1.75:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
VISUAL COMMUNICATIONS COMPANY, INC.
PERMISSION OF VISUAL
DATE
APPROVAL
CNX 460 ASSY
11/26/10
KHOWARD
DPZ
SEE NOTES
DWG. NO.
THE INFORMATION CONTAINED IN THIS
11/29/10
SEE NOTES
FINISH
ANY REPRODUCTION IN PART OR AS
PROPRIETARY AND CONFIDENTIAL
DRAWING IS THE SOLE PROPERTY OF
ASSEMBLY
PROHIBITED.
001
CHECKED
CNX 460 CABLE
TITLE:
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
12780 DANIELSON CT, SUITE A, POWAY, CA 92064 U.S.A
REV
PIN B = CATHODE (-) BLACK LEAD
W2
W1
PIN A = ANODE (+) WHITE OR RED LEAD
XX.XX
1.023
25.994mm


Similar Part No. - CNX460E034624

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX410012E4104 VCC-CNX410012E4104 Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012E4104 VCC-CNX410012E4104 Datasheet
36Kb / 1P
   410 CABLE ASSEMBLY
CNX410012E4104ATP VCC-CNX410012E4104ATP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012E4104BTP VCC-CNX410012E4104BTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012E4104CTP VCC-CNX410012E4104CTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
More results

Similar Description - CNX460E034624

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX4401 VCC-CNX4401 Datasheet
37Kb / 1P
   CABLE ASSEMBLY, CNX 440
CNX440E024112 VCC-CNX440E024112 Datasheet
37Kb / 1P
   ASSEMBLY, CNX 440 CABLE
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
Marl International Limi...
CNXC MARL-CNXC Datasheet
29Kb / 1P
   CNX C CABLE ASSY
CNXC MARL-CNXC_15 Datasheet
29Kb / 1P
   CNX C CABLE ASSY
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com