Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS_SA_SBSERIES Datasheet(PDF) 1 Page - Nichicon corporation

Part # SS_SA_SBSERIES
Description  Functional Polymer Aluminum Solid Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

SS_SA_SBSERIES Datasheet(HTML) 1 Page - Nichicon corporation

  SS_SA_SBSERIES Datasheet HTML 1Page - Nichicon corporation SS_SA_SBSERIES Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD.
Products / SMD Type
Functional Polymer Aluminum Solid Electrolytic Capacitors
Low ESR
SMD
Lead-free
RoHS
Compliance
Large
Capacitance
φ6.3
Applications
Features
Switching Power Supply and DC/DC Converter.
Back up Power Supplies of CPU(VRM etc.)
Miniature high Power Supply.
By using Functional Polymer cathode, Frequency & Temp.
characteristics are greatly improved.
Low ESR at a high frequency range.
High ripple current capability.
Long life and high reliability.
Environmental Correspondence
Any environmental hazardous substances are not used.
The lead free of terminal plating (Sn 100%)
Specifications
Test condition
Capacitance
Leakage current
ESR
tan δ
Failure Rate
Not to exceed 150% of initial specified value
Rated voltage range
Capacitance range
Capacitance tolerance
2.5 to 25V·DC
10 to 560
μF
±20% (M)
Not to exceed 150% of initial specified value
Operating temp. range
0.5% / 1000Hrs. Max (60%CL)
Items
SS, SA, SB
Endurance
Characteristic
105°C, rated voltage 2000Hrs.
Within ±20% of initial value before test
Not to exceed the initial specified value
-55 to +105°C
[
φD×L (mΩ)]
Size (ESR) List
c
b
b
a
[Unit: mm]
Recommended land pattern
φD
abc
6.3
2.1
3.5
1.6
[Unit: mm]
φD×L
W
H
C
R
P
6.3×5.7
6.5
6.5
7.2
0.5 to 0.9
2.1
6.3×7.7
6.5
6.5
7.2
0.5 to 0.9
2.1
Dimensions
SS & SA & SB series
R.V. (S.V.)
[V]
10
(11.5)
25
(28.7)
Cap. [μF]
SS
SA
SB
SA
SB
SS
SA
SB
SA
SS
SA
SS
10
6.3x5.7
(60)
22
6.3x5.7
(60)
27
6.3x5.7
(40)
47
6.3x5.7
(30)
100
6.3x5.7
(25)
6.3x5.7
(24)
6.3x7.7
(24)
120
6.3x5.7
(18)
220
6.3x5.7
(25)
6.3x5.7
(15)
6.3x5.7
(12)
270
6.3x5.7
(14)
330
6.3x5.7
(14)
6.3x5.7
(14)
6.3x5.7
(11)
6.3x5.7
(25)
6.3x5.7
(14)
390
6.3x5.7
(14)
6.3x5.7
(10)
6.3x5.7
(14)
470
6.3x5.7
(13)
560
6.3x5.7
(25)
6.3x5.7
(13)
6.3x5.7
(10)
2.5
(2.8)
6.3
(7.2)
4.0
(4.6)
16
(18.4)
34
L
± 0.3
0.2 Max
W
± 0.2
R
P


Similar Part No. - SS_SA_SBSERIES

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
SS.SA.DC.0 IDEAL-TEK-SS.SA.DC.0 Datasheet
514Kb / 1P
   High Precision - Diamond Tip Tweezers
logo
Honeywell Solid State E...
SSCSAAD001PG2A3 HONEYWELL-SSCSAAD001PG2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG2A5 HONEYWELL-SSCSAAD001PG2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A3 HONEYWELL-SSCSAAD001PG3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A5 HONEYWELL-SSCSAAD001PG3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
More results

Similar Description - SS_SA_SBSERIES

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
R5SERIES NICHICON-R5SERIES Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RSL0E101MCN1GB NICHICON-RSL0E101MCN1GB Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
E5SERIES NICHICON-E5SERIES Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SLSHSERIES NICHICON-SLSHSERIES Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RHT1D151MDN1 NICHICON-RHT1D151MDN1 Datasheet
170Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
PS_PASERIES NICHICON-PS_PASERIES Datasheet
171Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
S6SERIES NICHICON-S6SERIES Datasheet
164Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
RR50E561MDN1XX NICHICON-RR50E561MDN1XX Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FSSERIES NICHICON-FSSERIES Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
R7SERIES NICHICON-R7SERIES Datasheet
1Mb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com