Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM47CM1688SBA-150 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EM47CM1688SBA-150
Description  JEDEC Standard VDD/VDDQ
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47CM1688SBA-150 Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EM47CM1688SBA-150 Datasheet HTML 4Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 5Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 6Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 7Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 8Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 9Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 10Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 11Page - Eorex Corporation EM47CM1688SBA-150 Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
EM47CM1688SBB
Jun. 2012
8/38
www.eorex.com
Pin Capacitance
Symbol
Parameters
Pins
Min.
Max.
Unit
Notes
CCK
Input pin capacitance, CK, /CK
0.8
1.4
pF
1,3
CDCK
Delta input pin capacitance,
CK, /CK
CK, /CK
0
0.15
pF
1,2
CIN_CTRL
Input pin capacitance, control
pins
0.75
1.3
pF
1
CDIN_CTRL
Delta input pin capacitance,
control pins
/CS,CKE,ODT
-0.4
0.2
pF
1,4
CIN_ADD_CMD
Input pin capacitance, address
and command pins
0.75
1.3
pF
1
CDIN_ADD_CMD Delta input pin capacitance,
address and command pins
/RAS,/CAS,/WE,
Address
-0.4
0.4
pF
1,5
CIO
Input/output pins capacitance
1.5
2.5
pF
1,6
CDIO
Delta input/output pins
capacitance
DQ,DQSU,/DQSU
DQSL,/DQSL,
DMU, DML
-0.5
0.3
pF
1,7,8
CDDQS
Delta input/output pins
capacitance
DQS, /DQS
0
0.15
pF
1,10
CZQ
Input/output pin capacitance,
ZQ
ZQ
-
3
pF
1,9
Notes1.
VDD, VDDQ, VSS, VSSQ applied and all other pins (except the pin under test) floating. VDD = VDDQ
=1.5V, VBIAS=VDD/2.
Notes2.
Absolute value of CCK(CK-pin) - CCK(/CK-pin).
Notes3
. CCK (min.) will be equal to CIN (min.)
Notes4.
CDIN_CTRL = CIN_CTRL - 0.5*(CCK(CK-pin) + CCK(/CK-pin))
Notes5
. CDIN_ADD_CMD = CIN_ADD_CMD - 0.5*(CCK(CK-pin) + CCK(/CK-pin))
Notes6.
Although the DMU and DML pins have different functions, the loading matches DQ and DQS.
Notes7.
DQ should be in high impedance state.
Notes8.
CDIO = CIO (DQ, DM) - 0.5*(CIO(DQS-pin) + CIO(/DQS-pin)).
Notes9.
Maximum external load capacitance on ZQ pin is 5pF.
Notes10.
Absolute value of CIO(DQS) - CIO(/DQS).


Similar Part No. - EM47CM1688SBA-150

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47CM1688SBB EOREX-EM47CM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
More results

Similar Description - EM47CM1688SBA-150

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44CM1688LBB EOREX-EM44CM1688LBB Datasheet
415Kb / 29P
   JEDEC Standard VDD/VDDQ
EM47EM3288SBA EOREX-EM47EM3288SBA Datasheet
922Kb / 37P
   JEDEC Standard VDD/VDDQ
EM44CM1688LBC EOREX-EM44CM1688LBC Datasheet
660Kb / 29P
   JEDEC Standard VDD/VDDQ
EM47EM0888SBA EOREX-EM47EM0888SBA Datasheet
627Kb / 39P
   JEDEC Standard VDD/VDDQ
EM47FM0888MBA EOREX-EM47FM0888MBA Datasheet
1Mb / 38P
   JEDEC Standard VDD/VDDQ
EM44DM1688LBB EOREX-EM44DM1688LBB Datasheet
659Kb / 29P
   JEDEC Standard VDD/VDDQ
EM47DM1688SBB EOREX-EM47DM1688SBB Datasheet
626Kb / 38P
   JEDEC Standard VDD/VDDQ
EM47DM1688SBC EOREX-EM47DM1688SBC Datasheet
881Kb / 38P
   JEDEC Standard VDD/VDDQ
EM44DM0888LBA EOREX-EM44DM0888LBA Datasheet
556Kb / 29P
   JEDEC Standard VDD/VDDQ
EM47DM0888SBA EOREX-EM47DM0888SBA Datasheet
607Kb / 39P
   JEDEC Standard VDD/VDDQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com