Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42AM1684RTC-5F Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM42AM1684RTC-5F
Description  Single 2.5V 짹0.2V Power Supply
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684RTC-5F Datasheet(HTML) 4 Page - Eorex Corporation

  EM42AM1684RTC-5F Datasheet HTML 1Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 2Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 3Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 4Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 5Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 6Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 7Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 8Page - Eorex Corporation EM42AM1684RTC-5F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
EM42AM1684RTC
Sep. 2010
www.eorex.com
4/21
Pin Description (Simplified)
Pin
Name
Function
45,46
CLK,/CLK
(System Clock)
Clock input active on the Positive rising edge except for DQ and
DM are active on both edge of the DQS.
CLK and /CLK are differential clock inputs.
24
/CS
(Chip Select)
/CS enables the command decoder when”L” and disable the
command decoder when “H”. The new command are over-
Looked when the command decoder is disabled but previous
operation will still continue.
44
CKE
(Clock Enable)
Activates the CLK when “H” and deactivates when “L”.
When deactivate the clock, CKE low signifies the power down or
self refresh mode.
28~32,35~42
A0~A12
(Address)
Row address (A0 to A12) and Column Address (CA0 to CA8) are
multiplexed on the same pin.
CA10 defines auto precharge at Column Address.
26, 27
BA0, BA1
(Bank Address)
Selects which bank is to be active.
23
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK with
/RAS “L”. Enables row access & pre-charge.
22
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
21
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the CLK
with /CAS low. Enables column access.
16/51
LDQS/UDQS
(Data Input/Output)
Data Inputs and Outputs are synchronized with both edge of DQS.
20/47
LDM/UDM
(Data Input/Output Mask)
DM controls data inputs. LDM corresponds to the data on
DQ0~DQ7.UDM corresponds to the data on DQ8~DQ15.
2, 4, 5, 7, 8, 10,
11, 13, 54, 56, 57,
59, 60, 62, 63, 65
DQ0~DQ15
(Data Input/Output)
Data inputs and outputs are multiplexed on the same pin.
1,18,33/
34,48,66
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
3, 9, 15, 55.61/
6, 12, 52, 58,64
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
14,17,19,25,43,
50,53
NC/RFU
(No Connection/Reserved for Future Use)
This pin is recommended to be left No Connection on the device.
49
VREF
(Input)
SSTL-2 Reference voltage for input buffer.


Similar Part No. - EM42AM1684RTC-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684RTC-5F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
   2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
   2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
logo
Microchip Technology
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
   Single Supply with Operation Down to 2.5V
01/02/08
logo
Sanyo Semicon Device
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
logo
Golledge Electronics Lt...
MCSO1HW GOLLEDGE-MCSO1HW Datasheet
566Kb / 4P
   2.5V supply voltage
MCSO1W GOLLEDGE-MCSO1W Datasheet
570Kb / 4P
   2.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com