Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4606 Datasheet(PDF) 10 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4606
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4606 Datasheet(HTML) 10 Page - DinTek Semiconductor Co,.Ltd

Back Button DTM4606 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 10Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 11Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 12Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 13Page - DinTek Semiconductor Co,.Ltd DTM4606 Datasheet HTML 14Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1.4
2.8
4.2
5.6
7.0
0
255075
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
255075
100
125
150
TA -Ambient Temperature (°C)
DT
www.
daysemi.jp


Similar Part No. - DTM4606

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4606 DINTEK-DTM4606 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
DTM4606BDY DINTEK-DTM4606BDY Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
DTM4606 DINTEK-DTM4606_13 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTM4606

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com