Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8527AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8527AR
Description  7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8527AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8527AR Datasheet HTML 4Page - Analog Devices AD8527AR Datasheet HTML 5Page - Analog Devices AD8527AR Datasheet HTML 6Page - Analog Devices AD8527AR Datasheet HTML 7Page - Analog Devices AD8527AR Datasheet HTML 8Page - Analog Devices AD8527AR Datasheet HTML 9Page - Analog Devices AD8527AR Datasheet HTML 10Page - Analog Devices AD8527AR Datasheet HTML 11Page - Analog Devices AD8527AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8517/AD8527
–11–
REV. B
Table III. Snubber Network Values for Large Capacitive Loads
CLOAD
Rx
Cx
680 pF
300
3 nF
1 nF
100
10 nF
10 nF
400
30 nF
TOTAL HARMONIC DISTORTION + NOISE
The AD85x7 family offers a low total harmonic distortion, which
makes this amplifier ideal for audio applications. Figure 26 shows a
graph of THD + N, for a VS > 3 V the THD + N is about 0.001%
and 0.03% for VS
≥ 1.8 V in a noninverting configuration with a
gain of 1. In an inverting configuration, the noise is 0.003% for
all VSY.
FREQUENCY – Hz
0.01
0.0001
10
20k
0.001
0.1
1
100
1k
10k
VS > 3V TO 5V
VS = 1.8V
AV = +2
Figure 26. THD + N vs. Frequency Graph
A MICROPOWER REFERENCE VOLTAGE GENERATOR
Many single supply circuits are configured with the circuit-biased
to one-half of the supply voltage. In these cases, a false-ground
reference can be created by using a voltage divider buffered by an
amplifier. Figure 27 shows the schematic for such a circuit.
The two 1 M
Ω resistors generate the reference voltages while
drawing only 0.9
µA of current from a 1.8 V supply. A capacitor
connected from the inverting terminal to the output of the op
amp provides compensation to allow for a bypass capacitor to be
connected at the reference output. This bypass capacitor helps
establish an ac ground for the reference output.
AD8517
10k
0.022 F
VREF
0.9V TO 2.5V
1 F
1 F
1M
1.8V TO 5V
100
1M
Figure 27. A Micropower Reference Voltage Generator
MICROPHONE PREAMPLIFIER
The AD8517 is ideal to use as a microphone preamplifier.
Figure 28 shows this implementation.
R3
220k
VCC
VREF
C1
0.1 F
VCC
R1
2.2k
ELECTRET
MIC
VOUT
AD8517
VIN
R2
22k
|AV| =
R3
R2
Figure 28. A Microphone Preamplifier
R1 is used to bias an electret microphone and C1 blocks dc
voltage from the amplifier. The magnitude of the gain of the
amplifier is approximately R3/R2 when R2
≥ 10 × R1. VREF
should be equal to 1/2 1.8 V for maximum voltage swing.
Direct Access Arrangement for Telephone Line Interface
Figure 28 illustrates a 1.8 V transmit/receive telephone line
interface for 600
Ω transmission systems. It allows full duplex
transmission of signals on a transformer-coupled 600
Ω line in a
differential manner. Amplifier A1 provides gain that can be ad-
justed to meet the modem output drive requirements. Both A1
and A2 are configured to apply the largest possible signal on a
single supply to the transformer. Amplifier A3 is configured as a
difference amplifier for two reasons: (1) It prevents the transmit
signal from interfering with the receive signal and (2) it extracts
the receive signal from the transmission line for amplification by
A4. A4’s gain can be adjusted in the same manner as A1’s to
meet the modem’s input signal requirements. Standard resistor
values permit the use of SIP (Single In-line Package) format
resistor arrays. Couple this with the AD8517/AD8527’s 5-lead
SOT-23, 8-lead MSOP, and 8-lead SOIC footprint and this
circuit offers a compact solution.
6.2V
6.2V
TRANSMIT
TxA
RECEIVE
RxA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
Tx GAIN
ADJUST
A1
R3
360
1:1
T1
TO
TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
14.3k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
Rx GAIN
ADJUST
2k
ZO
600
+1.8V DC
MIDCOM
671-8005
A2
A3
A4
1/2
AD8517
1/2
AD8517
1/2
AD8527
1/2
AD8527
Figure 29. A Single-Supply Direct Access Arrangement
for Modems


Similar Part No. - AD8527AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8527 AD-AD8527_15 Datasheet
161Kb / 12P
   Low Voltage Operational Amplifiers
REV. B
More results

Similar Description - AD8527AR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com