Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B28BJSBN01 Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # B28BJSBN01
Description  Self Bias Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

B28BJSBN01 Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  B28BJSBN01 Datasheet HTML 1Page - Dielectric Laboratories, Inc. B28BJSBN01 Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bias Filter Network
22
B
20
BL
BFN01
Product
B=Bias Network
M aterial
BL +/-25% TC
Network Type
W idth
28
ProductNum berIdentification
FunctionalA pplication
W ireless com m unication m odules
Idealvaractor decoupling elem ent
High gain RF/M icrowave m odules
IdealGaAs FETgate biasing device
M M IC m ultichip m odules
Benefits
Filters noise and RFfrom Supplies
Reduces RFfeedback through bias supplies
Sim plifies assem bly-one com ponent replaces m any
Designed with large 4 m ilwirebond pads for assem blyease
TotalSeriesResistance:
TotalShuntCapacitance:
600 nom inal
BT m aterial-140pF nom inal
BH m aterial-95pF nom inal
D C Rating:Volts M ax:50V
I(m a)M ax:10M a
Recom m ended M ounting:The Bias Filter Network should be
m ounted with fully m etallized side down directly on RF ground
plane for m axim um isolation perform ance.
EquivalentSchem aticRepresentation
PhysicalCharacteristics
Isolation vs.Frequency
TypicalA pplication
Custom Networks can be designed per custom er specification.Please consult factory for additionalinform ation or specialrequirem ents.
15353 DLI CAT R1.qxd:15353 DLI CAT R1
11/12/09
1:54 PM
Page 25


Similar Part No. - B28BJSBN01

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B28B-KRWHK JST-B28B-KRWHK Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-C JST-B28B-KRWHK-C Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1 JST-B28B-KRWHK-F1 Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1-1 JST-B28B-KRWHK-F1-1 Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1-1D JST-B28B-KRWHK-F1-1D Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - B28BJSBN01

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC6489Z RFMD-SGC6489Z Datasheet
391Kb / 6P
   Patented Self Bias Circuitry
logo
M/A-COM Technology Solu...
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
   Integrated Bias Network
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
   Integrated Bias Network
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
   Operational Amplifier with Bias Network
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
   Monolithic HMIC??Integrated Bias Network
logo
Transcom, Inc.
TC3539 TRANSCOM-TC3539 Datasheet
254Kb / 4P
   4.8 - 6 GHz 29dBm Self-Bias MMIC
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
MUN5211DW AITSEMI-MUN5211DW Datasheet
1Mb / 12P
   BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
   5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
   2W Packaged Self-Bias PHEMT GaAs Power FETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com