Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVFK2A221M Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # EEVFK2A221M
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EEVFK2A221M Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button EEVFK2A221M Datasheet HTML 5Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 6Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 7Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 8Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 9Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 10Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 11Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 12Page - Freescale Semiconductor, Inc EEVFK2A221M Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
9
RF Device Data
Freescale Semiconductor, Inc.
470--860 MHz BROADBAND REFERENCE CIRCUIT
VDD =50 Volts,IDQ = 450 mA, Channel Bandwidth = 8 MHz, Input Signal PAR = 9.5 dB
@ 0.01% Probability on CCDF.
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
Output Signal PAR
(dB)
IMD Shoulder
(dBc)
DVB--T (8k OFDM)
4.5 Avg.
470
21.7
12.6
10.1
--40.1
650
21.5
11.2
10.1
--43.1
860
21.9
11.6
9.8
--46.0
9Avg.
470
21.8
20.3
9.9
--35.9
650
21.6
17.5
9.9
--40.9
860
21.9
18.5
9.1
--41.7
18 Avg.
470
21.8
31.0
7.9
--27.8
650
21.6
26.4
8.4
--37.6
860
21.7
27.6
7.1
--30.4
Figure 20. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference
Circuit Component Layout
Note: Component numbers C6, C15, C16, C17 and C18 are not used.
MRF6VP3091N
Rev. 1
R1
VGG
C11
C13
R3
C3
C4
C5
R4
C1
C2
C14
C12
R2
VGG
Q1
C7
C8
C19
C21
VDD
C23
C9
C10
C24
VDD
C20
C22
Figure 21. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference
Circuit Component Layout — Bottom


Similar Part No. - EEVFK2A221M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK2A221M PANASONIC-EEVFK2A221M Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
logo
Pacific Silicon Sensor,...
EEVFK2A221M PACIFIC-EEVFK2A221M Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
logo
Freescale Semiconductor...
EEVFK2A221M FREESCALE-EEVFK2A221M Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
logo
Panasonic Semiconductor
EEVFK2A221M PANASONIC-EEVFK2A221M Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEVFK2A221M PANASONIC-EEVFK2A221M Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEVFK2A221M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRF6S21140HR3 FREESCALE-MRF6S21140HR3 Datasheet
517Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S18170H FREESCALE-MRF7S18170H Datasheet
478Kb / 15P
   RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF5S19090HR3 FREESCALE-MRF5S19090HR3 Datasheet
423Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030MR1 FREESCALE-MRF9030MR1_07 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com