Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T494X226K035AT Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # T494X226K035AT
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T494X226K035AT Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button T494X226K035AT Datasheet HTML 6Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 7Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 8Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 9Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 10Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 11Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 12Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 13Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6V2150NR1 MRF6V2150NBR1
Zo =50 Ω
f=27 MHz
Zsource
f = 450 MHz
Zload
f=27 MHz
Zload
f = 450 MHz
Zsource
VDD =50 Vdc,IDQ = 450 mA, Pout = 150 W CW
f
MHz
Zsource
Zload
27
6.57 + j41.4
7.16 + j3.02
450
0.80 + j3.20
2.20 + j2.30
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 17. Series Equivalent Source and Load Impedance — 27, 450 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - T494X226K035AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
T494X226K035AT FREESCALE-T494X226K035AT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
T494X226K035AT FREESCALE-T494X226K035AT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
logo
Kemet Corporation
T494X226K035AT KEMET-T494X226K035AT Datasheet
81Kb / 1P
   T494, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 4.3mm
More results

Similar Description - T494X226K035AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com