Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6VP3091N Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6VP3091N
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP3091N Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6VP3091N Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6VP3091N Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
TYPICAL CHARACTERISTICS
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 18. MTTF versus Junction Temperature -- CW
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
104
110
130
150
170
190
210
230
108
105
VDD =50 Vdc
Pout =18 W Avg.
ηD = 28.5%
VDD =50 Vdc,IDQ = 350 mA, Pout = 18 W Average
f
MHz
Zsource
Zload
860
1.58 -- j0.89
3.51 -- j3.98
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 19. Series Equivalent Source and Load Impedance (Single--Ended Narrowband Test Circuit)
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF6VP3091N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF6VP3450H NXP-MRF6VP3450H Datasheet
1Mb / 18P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 4, 4/2010
logo
Freescale Semiconductor...
MRF6VP3450HR5 FREESCALE-MRF6VP3450HR5 Datasheet
641Kb / 18P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6VP3450HR5 FREESCALE-MRF6VP3450HR5 Datasheet
642Kb / 18P
   RF Power Field Effect Transistors
MRF6VP3450HR5 FREESCALE-MRF6VP3450HR5 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
MRF6VP3450HR5 NXP-MRF6VP3450HR5 Datasheet
1Mb / 18P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 4, 4/2010
More results

Similar Description - MRF6VP3091N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRF6S21140HR3 FREESCALE-MRF6S21140HR3 Datasheet
517Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S18170H FREESCALE-MRF7S18170H Datasheet
478Kb / 15P
   RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF5S19090HR3 FREESCALE-MRF5S19090HR3 Datasheet
423Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030MR1 FREESCALE-MRF9030MR1_07 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com