Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMVY630GTR331MMH0S Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # EMVY630GTR331MMH0S
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EMVY630GTR331MMH0S Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button EMVY630GTR331MMH0S Datasheet HTML 4Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 5Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 6Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 7Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 8Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 9Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 10Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 11Page - Freescale Semiconductor, Inc EMVY630GTR331MMH0S Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MRF6S23140HR3 MRF6S23140HSR3
11
RF Device Data
Freescale Semiconductor
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
2
Dec. 2008
• Modified data sheet to reflect RF Test Reduction described in Product and Process Change Notification
number, PCN13232, p. 1, 2
• Removed Lower Thermal Resistance and Low Gold Plating bullets from Features section as functionality
is standard, p. 1
• Operating Junction Temperature increased from 200°C to 225°C in Maximum Ratings table and related
“Continuous use at maximum temperature will affect MTTF” footnote added, p. 1
• Corrected VDS to VDD in the RF test condition voltage callout for VGS(Q), and added “Measured in
Functional Test”, On Characteristics table, p. 2
• Updated Part Numbers in Table 5, Component Designations and Values, to RoHS compliant part
numbers, p. 3
• Removed lower voltage tests from Fig. 11, Power Gain versus Output Power, due to fixed tuned fixture
limitations, p. 7
• Replaced Fig. 12, MTTF versus Junction Temperature with updated graph. Removed Amps2 and listed
operating characteristics and location of MTTF calculator for device, p. 7
• Added Product Documentation and Revision History, p. 11


Similar Part No. - EMVY630GTR331MMH0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVY630GTR331MMH0S CHEMI-CON-EMVY630GTR331MMH0S Datasheet
54Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
Freescale Semiconductor...
EMVY630GTR331MMH0S FREESCALE-EMVY630GTR331MMH0S Datasheet
492Kb / 11P
   RF Power Field Effect Transistor
logo
United Chemi-Con, Inc.
EMVY630GTR331MMH0S CHEMI-CON-EMVY630GTR331MMH0S Datasheet
59Kb / 2P
   Snap Mount
More results

Similar Description - EMVY630GTR331MMH0S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com