Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825C225J5RAC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # C1825C225J5RAC
Description  RF Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C1825C225J5RAC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button C1825C225J5RAC Datasheet HTML 3Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 4Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 5Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 6Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 7Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 8Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 9Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 10Page - Freescale Semiconductor, Inc C1825C225J5RAC Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6P27160HR6
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
2
Dec. 2008
• Modified data sheet to reflect RF Test Reduction described in Product and Process Change Notification
number, PCN13232, p. 1, 2
• Removed Lower Thermal Resistance and Low Gold Plating bullets from Features section as functionality
is standard, p. 1
• Removed Total Device Dissipation from Max Ratings table as data was redundant (information already
provided in Thermal Characteristics table), p. 1
• Operating Junction Temperature increased from 200°C to 225°C in Maximum Ratings table; related
“Continuous use at maximum temperature will affect MTTF” footnote added, p. 1
• Corrected VDS to VDD in the RF test condition voltage callout for VGS(Q), and added “Measured in
Functional Test”, On Characteristics table, p. 2
• Removed Forward Transconductance from On Characteristics table as it no longer provided usable
information, p. 2
• Changed “Z2, Z31” to “Z2, Z30” and “Z3, Z30” to “Z3, Z31” in Z list for Fig. 1, Test Circuit Schematic, p. 3
• Updated Part Numbers in Table 5, Component Designations and Values, to latest RoHS compliant part
numbers, p. 3
• Adjusted scale for Fig. 5, Two-Tone Power Gain versus Output Power, to better match the device’s
capabilities, p. 5
• Removed lower voltage tests from Fig. 11, Power Gain versus Output Power, due to fixed tuned fixture
limitations, p. 6
• Replaced Fig. 12, MTTF versus Junction Temperature, with updated graph. Removed Amps2 and listed
operating characteristics and location of MTTF calculator for device, p. 7
• Added Product Documentation and Revision History, p. 10


Similar Part No. - C1825C225J5RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results

Similar Description - C1825C225J5RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com