Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8401CHIPS Datasheet(PDF) 11 Page - Analog Devices

Part # AD8401CHIPS
Description  8-Bit, 4-Channel Data Acquisition System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8401CHIPS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8401CHIPS Datasheet HTML 4Page - Analog Devices AD8401CHIPS Datasheet HTML 5Page - Analog Devices AD8401CHIPS Datasheet HTML 6Page - Analog Devices AD8401CHIPS Datasheet HTML 7Page - Analog Devices AD8401CHIPS Datasheet HTML 8Page - Analog Devices AD8401CHIPS Datasheet HTML 9Page - Analog Devices AD8401CHIPS Datasheet HTML 10Page - Analog Devices AD8401CHIPS Datasheet HTML 11Page - Analog Devices AD8401CHIPS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8401
–11–
REV. 0
Table III. DAC Unipolar Code
Nominal
Analog
DAC Register Contents
General Transfer
Decimal
Binary
Equation
Output VOUT
255
1111 1111
2.500
×
255
256
2.490 V
129
1000 0001
2.500
×
129
256
1.260 V
128
1000 0000
2.500
×
128
256
1.250 V
127
0111 1111
2.500
×
127
256
1.240 V
1
0000 0001
2.500
×
1
256
0.010 V
0
0000 0000
2.500
×
0
256
0.000 V
APPLICATIONS INFORMATION
The software programming needs to format data as defined by
the transfer equations and Code Tables that follow.
DAC Transfer Equation
VOUT = 2.500 ×
D
256
= 2.500 ×
255
256
for a 2.50 V full scale
where D is the decimal value 0 through 255 of the 8-bit data
word.
The nominal output voltages listed in the Code Table are sub-
ject to the static performance specifications. The INL, Zero-
Scale and Full-Scale errors describe the total specified variation
that will be encountered from part to part. One LSB of error for
the 2.5 V FS range is 9.766 millivolts (= 2.50/256).
Although separate AGNDs exist for both the DAC and ADC to
minimize crosstalk, writing data to the DAC while the ADC is
performing a conversion may result in an incorrect conversion
from the ADC due to signal interaction between the DAC and
ADC. Therefore, to ensure correct operation of the ADC, the
DAC register should not be updated while the ADC is converting.
The AD8401 is configured for an input range of +3.0 volts Full
Scale. The nominal transfer characteristic for this range is plot-
ted in Figure 23. The output coding is natural binary with one
LSB equal to 11.72 millivolts. Note that the first code transition
between 0 LSB and 1 LSB occurs at 5.8 mV, one half of the
11.72 mV LSB step size. The last code transition occurs at Full
Scale minus 1.5 LSBs, which is a 2.982 V input.
The AD8401 is easily interfaced to most microprocessors by us-
ing either address bits or address decode to select the appropri-
ate multiplexer channel. Figure 24 shows how easily the AD8401
interfaces to the AD899. No additional hardware is required.
OUTPUT
CODE
FULL SCALE
TRANSITION
123
FS
FS – 1LSB
VIN INPUT VOLTAGE – LSBs
1LSB = FS
256
11111111
11111110
11111101
00000011
00000010
00000001
00000000
Figure 23. ADC 0 V to +3 V Input Transfer Characteristic


Similar Part No. - AD8401CHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results

Similar Description - AD8401CHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com