Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN30185A Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN30185A
Description  VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN30185A Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN30185A Datasheet HTML 7Page - Panasonic Semiconductor AN30185A Datasheet HTML 8Page - Panasonic Semiconductor AN30185A Datasheet HTML 9Page - Panasonic Semiconductor AN30185A Datasheet HTML 10Page - Panasonic Semiconductor AN30185A Datasheet HTML 11Page - Panasonic Semiconductor AN30185A Datasheet HTML 12Page - Panasonic Semiconductor AN30185A Datasheet HTML 13Page - Panasonic Semiconductor AN30185A Datasheet HTML 14Page - Panasonic Semiconductor AN30185A Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN30185A
11
Ver. BEB
Start / Stop control sequence by EN pin under the condition that EN2 pin is fixed to High is as follows.
Note) All values given in the above figure are typical values.
VIN
EN
UVLO
RESET
FB1
PCNT
FB2
BUF
30 ms
1.0 V
0.94 ms
VIN
VIN
3.3 V
3.75 ms
0.47 ms
1.8 V
0.9 V
100
μs
300
μs
150
μs
50
μs
2.81 ms
EN2
4.22 ms
Constant current
discharge (2.5
μA)
DIS
(3.3 V line)
Terminated
with a resistor
Terminated
with a resistor
Terminated
with a resistor
Terminated
with a resistor
OPERATION (Continued)
2. Start / Stop Control Timing Chart
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.


Similar Part No. - AN30185A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
STMicroelectronics
AN3018 STMICROELECTRONICS-AN3018 Datasheet
197Kb / 24P
   Developing self tests for SPC564Ax
logo
Panasonic Semiconductor
AN30180A PANASONIC-AN30180A Datasheet
360Kb / 17P
   VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
AN30181A PANASONIC-AN30181A Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
AN30182A PANASONIC-AN30182A Datasheet
803Kb / 44P
   600mA Synchronous DC-DC Step Down Regulator (2ch) 300mA LDO Regulator (6ch) Multi Power Supply (High Efficiency Power LSI)
More results

Similar Description - AN30185A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30181A PANASONIC-AN30181A Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
logo
Maxim Integrated Produc...
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17623EVKIT MAXIM-MAX17623EVKIT Datasheet
1Mb / 13P
   2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
MAXM17623 MAXIM-MAXM17623 Datasheet
920Kb / 18P
   2.9V to 5.5V, 1A Himalaya uSLIC Step-Down Power Modules
Rev 1; 2/19
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Shindengen Electric Mfg...
S1ZB20 SHINDENGEN-S1ZB20 Datasheet
297Kb / 6P
   General Purpose Rectifiers(200V 0.8A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
   5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
   2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Shindengen Electric Mfg...
S1ZB80 SHINDENGEN-S1ZB80 Datasheet
300Kb / 6P
   General Purpose Rectifiers(800V 0.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com