Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM21BB31A475KA74L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # GRM21BB31A475KA74L
Description  VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM21BB31A475KA74L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  GRM21BB31A475KA74L Datasheet HTML 1Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 2Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 3Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 4Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 5Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 6Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 7Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 8Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AN30181A
3
Ver. BEB
RECOMMENDED OPERATING CONDITIONS
*3
V
VIN + 0.3
–0.3
PCNTB
*3
V
VIN + 0.3
–0.3
VREG
*3
V
VIN + 0.3
–0.3
BUF
Output Voltage Range
*3
V
VIN + 0.3
–0.3
LX1,LX2
*3
V
VIN + 0.3
–0.3
PCNT
*3
V
VIN + 0.3
–0.3
DIS
*3
V
VIN + 0.3
–0.3
RESET
*3
V
VIN + 0.3
–0.3
FB2
*3
V
VIN + 0.3
–0.3
FB1
*3
V
VIN + 0.3
–0.3
EN
Input Voltage Range
3.3
Typ.
5.5
Max.
Notes
Unit
Min.
Symbol
Parameter
*1
*2
V
2.9
VIN
Supply voltage range
Note) Do not apply external currents and voltages to any pin not specifically mentioned.
Voltage values, unless otherwise specified, are with respect to GND. GND is voltage for AGND1, AGND2, PGND1, PGND2.
AGND1 = AGND2 = PGND1 = PGND2. Vin is voltage for AVIN, PVIN1, PVIN2. AVIN = PVIN1 = PVIN2.
*1 : Please set the rising time of power input pin to the following range.
In addition, please input the voltage with the rising time which has margin enough in consideration of the variation
in external parts.
*2 : The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*3 : (V
IN + 0.3) V must not be exceeded 6 V.
0 V
100
μs < Tr < 1.5 ms
(Tr is the rise time from 0 V to the setup voltage of V
IN.)


Similar Part No. - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GRM21BB31A475KA74L PANASONIC-GRM21BB31A475KA74L Datasheet
636Kb / 28P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
More results

Similar Description - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30185A PANASONIC-AN30185A Datasheet
636Kb / 28P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
logo
Maxim Integrated Produc...
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17623EVKIT MAXIM-MAX17623EVKIT Datasheet
1Mb / 13P
   2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
MAXM17623 MAXIM-MAXM17623 Datasheet
920Kb / 18P
   2.9V to 5.5V, 1A Himalaya uSLIC Step-Down Power Modules
Rev 1; 2/19
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Shindengen Electric Mfg...
S1ZB20 SHINDENGEN-S1ZB20 Datasheet
297Kb / 6P
   General Purpose Rectifiers(200V 0.8A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
   5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
   2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Shindengen Electric Mfg...
S1ZB80 SHINDENGEN-S1ZB80 Datasheet
300Kb / 6P
   General Purpose Rectifiers(800V 0.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com