Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX440044004 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNX440044004
Description  ASSEMBLY, CNX 440 CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX440044004 Datasheet(HTML) 1 Page - Visual Communications Company

  CNX440044004 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIN B = CATHODE (-) BLACK LEAD
PIN A = ANODE (+) WHITE OR RED LEAD
W1
W2
.750
19.05mm
XX.XX
D =
DUAL ROW LOCKING HEADER
WHITE - BLACK - RED
4 INCHES (101.6mm)
(ORDER SEPARATELY)
0
04
5MM BI-LEAD
5MM TRI-LEAD
LEDS
(ORDER SEPARATELY)
LENS
CMC 443
CMC 441
02 =
6
CMS 444
CMS 442
2 WIRES
03 =
12
WIRE SIZE *
4
24 AWG
WHITE - BLACK - RED - GREEN
SINGLE ROW LOCKING HEADER
E =
WIRE COLOR *
TERMINATION *
1WHITE - BLACK
X =
2RED - BLACK
STRIPPED END
2
1
06
OPTIONS
FOR ADDITIONAL
*CALL FACTORY
E02
CNX 440
CABLE ORDERING CODE EXAMPLE:
18 INCHES (457.2mm)
6 INCHES (152.4mm)
08
24
8 INCHES (203.2mm)
12
1
4
4 WIRES
04 =
3 WIRES
24 INCHES (609.6mm)
12 INCHES (304.8mm)
18
WIRE LENGTH *
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
001
REVISED PER ECR 111009AZ01
11/26/10
KH
DPZ
ANY REPRODUCTION IN PART OR AS
12.7
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
DRAWN
B
DWG. NO.
SCALE: 1.75:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
PERMISSION OF VISUAL
GENERAL TOLERANCES UNLESS
CABLE
APPROVAL
CNX 440 ASSY
11/26/10
KHOWARD
DPZ
SEE NOTES
DATE
VISUAL COMMUNICATIONS COMPANY, INC.
TITLE:
ASSEMBLY, CNX 440
OTHERWISE SPECIFIED:
COMMUNICATIONS COMPANY, INC IS
DIMENSION STYLE: INCHES / MM
12780 DANIELSON CT, SUITE A, POWAY, CA 92064 U.S.A
PROHIBITED.
001
CHECKED
DRAWING IS THE SOLE PROPERTY OF
THE INFORMATION CONTAINED IN THIS
INCHES
FINISH
PROPRIETARY AND CONFIDENTIAL
MM
PHONE: (800) 522-5546 EMAIL: vccsales@vcclite.com
.500
SEE NOTES
11/29/10
A WHOLE WITHOUT THE WRITTEN
NOTES:
ROHS COMPLIANT
1.
MATERIAL:
2.
PANEL CONNECTOR SOCKET - POLYESTER, UL RATING 94-V0
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
LENS - POLYCARBONATE, UL RATING 94-V2
MOISTURE SEAL - EPDM
LOCKWAHER - STEEL, NICKEL PLATE
TERMINALS - PHOSPHOR BRONZE, TIN PLATE
WIRE - 24 AWG 1007/ 1569
3.
MOUNTING: HOLE SIZE - 5/16" (8mm) OPENING ON 1/2" CENTERS
4.
PANEL THICKNESS: .031" ( .787mm) MIN - .125" (3.175mm) MAX
5.
LED LEAD LENGTH:
FOR BI- LEADS - .250"
0.01" (6.35mm 0.254)
FOR TRI-LEADS - CONTACT FACTORY
6.
FOR STANDARD DRY APPLICATIONS USE CMC 441 OR CMC 443 LENS; FOR DUST AND WET
CONDITIONS USE CMS 442 OR CMS 444 LENS (EXCEEDS NEMA 6P/IP 67)
7.
U.S. & FOREIGN PATENT ISSUED


Similar Part No. - CNX440044004

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX4401 VCC-CNX4401 Datasheet
37Kb / 1P
   CABLE ASSEMBLY, CNX 440
More results

Similar Description - CNX440044004

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX4401 VCC-CNX4401 Datasheet
37Kb / 1P
   CABLE ASSEMBLY, CNX 440
CNX460E024112 VCC-CNX460E024112 Datasheet
39Kb / 1P
   CNX 460 CABLE ASSEMBLY
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
Marl International Limi...
CNXC MARL-CNXC Datasheet
29Kb / 1P
   CNX C CABLE ASSY
CNXC MARL-CNXC_15 Datasheet
29Kb / 1P
   CNX C CABLE ASSY
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com