Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS2805 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPS2805
Description  High Isolation Voltage AC Input Response Type SSOP Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2805 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPS2805_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2805_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2805_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2805_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2805_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2805_12 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:04/24/2012
NO.61P15006
cosmo
ELECTRONICSCORPORATION
Photocoupler :
KPS2805
SHEET 4 OF 6
REV.
4
Fig.1 Current Transfer Ratio vs.
Forward Current
Forward current IF(mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Ambient temperature Ta(℃)
Fig.3 Collector Dark Current vs.
Ambient Temperature
Ambient temperature Ta(℃)
Fig.4 Forward Current vs.
Ambient Temperature
Ambient temperature Ta(℃)
Fig.5 Forward Current vs.
Forward Voltage
Forward Voltage VF(V)
Fig.6 Collector Current vs.
Collector-emitter Voltage
Collector-emitter Voltage VCE (V)
125
250
200
75
50
25
150
100
50
0
0
-55
115
11
75
50
25
-5
-6
-7
10
10
-8
-9
10
10
10
-10
0
-55
10
-11
10
Vce=80V
125
60
40
50
30
20
10
75
25
50
0
-55
0
115
Ta=75°
1.4
1.0
1
1.2
20
5
2
10
100
200
500
50
50°
1.6 1.8
2.2
2.0
2.4
-25°
25°
C
C
C
C
C
Ta=25°
8
2
1
0
0
5
10
15
7
6
5
4
3
I =±30mA
25
20
30
F
9
C
I =±20mA
F
I =±10mA
F
I =±5mA
F
1
2
5
2 0
5 0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
4 0 0
4 5 0
5 0 0
IF=±5mA
0
1 0
Ta=25
0 . 5


Similar Part No. - KPS2805_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - KPS2805_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com