Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPS2802 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPS2802
Description  High Isolation Voltage DC Input Response Type SSOP Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS2802 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPS2802_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KPS2802_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KPS2802_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KPS2802_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KPS2802_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KPS2802_12 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:04/24/2012
NO.61P25005
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPS2802
SHEET 3 OF 6
REV.
3
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current(*1)
IFP
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
60
mW
Input
Power dissipation derating
PD/
0.6
mW/℃
Collector-emitter voltage
VCEO
40
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
90
mA
Collector power dissipation
PC
120
mW
Output
Collector power dissipation derating
PC/
1.2
mW/℃
Isolation voltage 1 minute(*2)
Viso
3750
Vrms
Operating temperature
Topr
-30 to +115
Storage temperature
Tstg
-55 to +150
*1 PW=100μs,Duty Cycle=1%.
*2 AC voltage for 1minute at T =25 ,RH=60% between input and output
.
Electro-optical Characteristics
Ta=25℃
Parameter
Symbol
Conditions
MIN.
TYP.
MAX. Unit
Forward voltage
VF
IF=5mA
1.1
1.4
V
Reverse current
IR
VR=5V
5
μA
Input
Terminal capacitance
Ct
V=0, f=1MHZ
60
pF
Output
Collector dark current
ICEO
VCE=40V,IF=0mA
400
nA
Current transfer
CTR
IF=1mA, VCE=2V
200
2000
%
Collector-emitter
VCE(sat) IF=1mA, Ic=2mA
1.0
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
ohm
Floating capacitance
Cf
V=0, f=1MHZ
0.4
pF
Response time (Rise)(*1)
tr
200
μs
Transfer
charac-
teristics
Response time (Fall) (*1)
tf
Vce=5V,Ic=2mA,RL=100ohm
200
μs
*1 Test circuit for switching time
Duty Cycle=1/10
PW=100 μs
Pulse Input
IF
R
L
R =100Ω
Output
VCC
Input
td
tr
ts
tf
10%
90%
Output
IN
●Classification table of current transfer ratio is shown below.
CTR RANK
CTR(%)
KPPS28020E
200 TO


Similar Part No. - KPS2802_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - KPS2802_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com