Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8450QT Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
MMA8450Q
Sensors
8
Freescale Semiconductor, Inc.
2.3
I2C Interface Characteristic
Table 4. I2C Slave Timing Values(1)
1. All values referred to VIH (min) and VIL (max) levels.
Parameter
Symbol
I2C Standard Mode
Unit
Min
Max
SCL Clock Frequency
Pullup = 1 k
Ω Cb = 400 pF
Pullup = 1 k
Ω Cb = 20 pF
fSCL
0
0
400
TBD
kHz
kHz
Bus Free Time between STOP and START Condition
tBUF
1.3
μs
Repeated START Hold Time
tHD;STA
0.6
μs
Repeated START Setup Time
tSU;STA
0.6
μs
STOP Condition Setup Time
tSU;STO
0.6
μs
SDA Data Hold Time(2)
2. tHD;DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
tHD;DAT
50(3)
3. A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH (min) of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
4. The maximum tHD;DAT could be 3.45 μs and 0.9 μs for Standard-mode and Fast-mode, but must be less than the maximum of tVD;DAT or tVD;ACK
by a transition time. This maximum must only be met if the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock
stretches the SCL, the data must be valid by the setup time before it releases the clock.
μs
SDA Valid Time (5)
5. tVD;DAT = time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;DAT
0.9(4)
μs
SDA Valid Acknowledge Time (6)
6. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;ACK
0.9(4)
μs
SDA Setup Time
tSU;DAT
100(7)
7. A Fast-mode I2C device can be used in a Standard-mode I2C system, but the requirement tSU;DAT 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the
SCL signal, it must output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I
2C
specification) before the SCL line is released. Also the acknowledge timing must meet this setup time
Ns
SCL Clock Low Time
tLOW
4.7
μs
SCL Clock High Time
tHIGH
4
μs
SDA and SCL Rise Time
tr
1000
Ns
SDA and SCL Fall Time (3) (8) (9) (10)
8. Cb = total capacitance of one bus line in pF.
9. The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at 250 ns.
This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
10.In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow for
this when considering bus timing
tf
300
Ns
Pulse width of spikes on SDA and SCL that must be suppressed by input filter
tSP
50
Ns


Similar Part No. - MMA8450QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450QT FREESCALE-MMA8450QT Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450QT NXP-MMA8450QT Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
More results

Similar Description - MMA8450QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
   3-Axis, 12-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
   3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
logo
Freescale Semiconductor...
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
   Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
   Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
   Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
   3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com