Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1206FR-108R2L Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # RC1206FR-108R2L
Description  RF Power LDMOS Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RC1206FR-108R2L Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  RC1206FR-108R2L Datasheet HTML 1Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 2Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 3Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 4Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 5Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 6Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 7Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 8Page - Freescale Semiconductor, Inc RC1206FR-108R2L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AFT21S230SR3 AFT21S232SR3
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Load Mismatch (In Freescale Test Fixture, 50 ohm system) IDQ = 1500 mA, f = 2140 MHz
VSWR 10:1 at 32 Vdc, 269 W CW Output Power
(3 dB Input Overdrive from 182 W CW Rated Power)
No Device Degradation
Typical Performance (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1500 mA, 2110--2170 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
182 (1)
W
AM/PM
(Maximum value measured at the P3dB compression point across
the 2110--2170 MHz bandwidth)
--19.3
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
AFT21S230S
AFT21S232S
VBWres
95
60
MHz
Gain Flatness in 60 MHz Bandwidth @ Pout =50 W Avg.
GF
0.5
dB
Gain Variation over Temperature
(--30Cto+85C)
G
0.016
dB/C
Output Power Variation over Temperature
(--30Cto+85C) (1)
P1dB
0.007
dB/C
1. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.


Similar Part No. - RC1206FR-108R2L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RC1206FR-108R2L NXP-RC1206FR-108R2L Datasheet
543Kb / 17P
   RF Power LDMOS Transistors
Rev. 3, 3/2014
More results

Similar Description - RC1206FR-108R2L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com