Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFT21S230S_232S Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # AFT21S230S_232S
Description  RF Power LDMOS Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT21S230S_232S Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button AFT21S230S_232S Datasheet HTML 2Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFT21S230SR3 AFT21S232SR3
TYPICAL CHARACTERISTICS
1
Gps
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 7. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
--20
14
20
0
60
50
40
30
20
D
19
10
100
10
--60
18
17
16
0
--30
--40
--50
Figure 8. Broadband Frequency Response
9
21
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 1500 mA
17
15
13
19
11
1800 1900
2000
2100
2200
2300
2400
2500
2600
--30
30
20
10
0
--10
--20
Gain
IRL
2170 MHz
2140 MHz
2110 MHz
15
200
VDD =28 Vdc,IDQ = 1500 mA, Single--Carrier
W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF
2110 MHz
2140 MHz
2170 MHz
2110 MHz
2140 MHz
2170 MHz


Similar Part No. - AFT21S230S_232S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT21S230SR3 NXP-AFT21S230SR3 Datasheet
543Kb / 17P
   RF Power LDMOS Transistors
Rev. 3, 3/2014
More results

Similar Description - AFT21S230S_232S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com