Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGN-336-6M-F-160 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # HGN-336-6M-F-160
Description  IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-336-6M-F-160 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  HGN-336-6M-F-160 Datasheet HTML 1Page - PowerDynamics, Inc HGN-336-6M-F-160 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HGN-336 Series Example & Ordering Code
CURRENT RATING (A):
SCHEMATIC:
HGN-336
PANEL THICKNESS*:
-
-
1
M
F
150
= 1
= 2
= 3
= 4
= 6
TERMINAL:
= 150
= 160
= 200
0.06 (1.5MM)
0.062 (1.6MM)
0.08 (2.0MM)
= F
QUICK CONNECT (6.3 x 0.8)
= BLANK
= M
STANDARD TYPE
WITHOUT C(Y); C(X) ONLY
-
Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
Attenuation Tables & Schematics
L(mH)
L(mH)
2200pF
2200pF
Fuse
Fuse
N'
E'
P'
N
E
P
L(mH)
L(mH)
N'
E'
P'
N
E
P
Insertion loss in dB (50 Ohm circuit)
Current
Rating
1A
2A
3A
4A
6A
L
Value
10.3mA
4.6mA
2.5mA
1.2mA
0.8mA
Current
Rating
1A
2A
3A
4A
6A
L
Value
10.3mA
4.6mA
2.5mA
1.2mA
0.8mA
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.01 .05 .15 .5 1 5 10 30 .01.05 .15 .5 1 5 10 30
18 30 40 58 50 50 65 28
9 13 13 45 65 70 60 30
12 25 35 49 49 50 65 30 10 14 16 40 60 70 60 30
5 20 30 41 48 54 60 34 10 14 19 31 54 70 64 35
5 14 21 35 40 50 70 30
9 14 19 20 45 70 60 30
3 10 20 30 34 45 55 35
9 14 19 19 40 70 60 35
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.01 .05 .15 .5 1 5 10 30 .01.05 .15 .5 1 5 10 30
22 32 41 51 48 37 31 22
9 11 15 50 67 82 71 37
18 30 38 40 42 36 30 21
9 11 11 42 67 82 75 38
18 28 33 38 38 30 23 18
9 15 14 38 55 82 76 35
10 18 23 30 32 32 30 22
9 13 19 19 44 82 79 40
8 13 19 27 29 29 29 25
9 18 21 19 47 84 82 50
61
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
* More panel thickness options are available upon request


Similar Part No. - HGN-336-6M-F-160

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-337-1M-F-150 POWERDYNAMICS-HGN-337-1M-F-150 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-337-1M-F-160 POWERDYNAMICS-HGN-337-1M-F-160 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-337-1M-F-200 POWERDYNAMICS-HGN-337-1M-F-200 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-337-2M-F-150 POWERDYNAMICS-HGN-337-2M-F-150 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
More results

Similar Description - HGN-336-6M-F-160

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
42R02-3XXX-XXX POWERDYNAMICS-42R02-3XXX-XXX Datasheet
49Kb / 1P
   IEC 60320 CONNECTOR; QUICK CONNECT INLET; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R51-5124 POWERDYNAMICS-42R51-5124 Datasheet
36Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, PCB MOUNT
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
42R51-5128 POWERDYNAMICS-42R51-5128 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, SOLDER TERMINALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com