Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06XS4200 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 06XS4200
Description  Dual 24 V 6.0 mOhm High Side Switch
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

06XS4200 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  06XS4200 Datasheet HTML 1Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
06XS4200
PIN CONNECTIONS
11
SCLK
Input
Serial Clock
This input pin is to be connected to an external SPI Clock signal. The SCLK
pin is internally connected to a pull-down current source IDWN
12
SI
Input
Serial Input
This input pin receives the SPI input data from an external device
(microcontroller or another extreme switch device in case of daisy-chaining).
The SI pin is internally connected to a pull-down current source IDWN
13
VDD
Power
Digital Drain Voltage
This is the positive supply pin of the SPI interface.
16
SO
Output
Serial Output
This output pin transmits SPI data to an external device (external
microcontroller or the SI pin of the next SPI device in case of daisy-chaining).
The pin doesn’t require external pull-up or pull-down resistors, but a series
resistor is recommended to limit current consumption in case of GND
disconnection
14, 17, 22
GND
Ground
Ground
These pins, internally connected, are the ground pins for the logic - and analog
circuitry. It is recommended to also connect these pins on the PCB.
15,18,21
VPWR
Power
Positive Power Supply These pins, internally connected, supply both the device’s power and control
circuitry (except the SPI port). The drain of both internal MOSFET switches is
connected to them. Pin 15 is the device’s primary thermal pad.
19
20
HS1
HS0
Output
Power Switch Outputs Output pins of the switches, to be connected to the load.
23
SYNC
Output
Output Current
Monitoring
Synchronization
This output pin is asserted (active low) when the Current Sense (CS) output
signal is within the specified accuracy range. Reading the SYNC pin allows the
external microprocessor to synchronize to the device when operating in
autonomous operating mode. SYNC is open-drain and requires a pull-up
resistor to VDD.
Table 1. 06XS4200 Pin Assignments (continued)
The function of each pin is described in the section Functional Description
Pin
Number
Pin Name
Function
Formal Name
Definition


Similar Part No. - 06XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06XS4200 NXP-06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
More results

Similar Description - 06XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com