Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43R07-3131-250 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 43R07-3131-250
Description  16/20A IEC 60320 APPL. OUTLET; QC TERMINALS; PANEL MOUNT; SNAP-IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

43R07-3131-250 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  43R07-3131-250 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
16/20A IEC 60320 APPL. OUTLET; QC
TERMINALS; PANEL MOUNT; SNAP-IN
43R07-31X1-XXX
PB
3/7/05
MATERIAL AND FINISH
Insulator: Nylon 66, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Current rating: 16A
\ 20A
Voltage rating: 250 VAC
Insulation resistance: 100 Mohm min. @
500VDC
Dielectric withstanding voltage: 2000VAC
for one minute.
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
A
+0.2
RECOMMENDED
PANEL CUTOUT
P/N
43R07-31X1-250
43R07-31X1-200
43R07-31X1-150
2.5
2.0
1.5
A
MAX. PANEL THICKNESS
2.5
2.0
1.5
13.0±0.2
7.0
+0.5
28.0
-0.5
34.5
+0.5
8.0±0.2
6.0
+0.5
20.8
-0.5
26.5
+0.5
2.5
+0.3
41.0±0.3
33.0±0.3
27.5
3.0
37.5
+0.2
29.5
+0.2
29.0
37.0
ADDITIONAL PANEL THICKNESS
AVAILABLE ON REQUEST
1.2
43R07-31X1-120
1.2
D E
V
43R07-31X1-170
1.7
1.7
43R07-3131-XXX
4.8
6.35
6.35
3.4
8.5
8.5
8.2
43R07-3121-XXX
43R07-3111-XXX
Ø1.7
2.8
0.8
c


Similar Part No. - 43R07-3131-250

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R07-1121 POWERDYNAMICS-43R07-1121 Datasheet
47Kb / 1P
   16A/20A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
More results

Similar Description - 43R07-3131-250

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R07-3X2X-XXX POWERDYNAMICS-42R07-3X2X-XXX Datasheet
41Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
42R03-3111-150 POWERDYNAMICS-42R03-3111-150 Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
43R03-3XXX-XXX POWERDYNAMICS-43R03-3XXX-XXX Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
PD-43R03-11 POWERDYNAMICS-PD-43R03-11 Datasheet
39Kb / 1P
   UNIVERSAL IEC 60320 C13 APPL. OUTLET; QC TERMINALS, SNAP-IN
43R07-1121 POWERDYNAMICS-43R07-1121 Datasheet
47Kb / 1P
   16A/20A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
42R07-1X2X POWERDYNAMICS-42R07-1X2X Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
42R07-2X2X POWERDYNAMICS-42R07-2X2X Datasheet
38Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; CROSS FLANGE PANEL MOUNT
42R06-3X1X-XXX POWERDYNAMICS-42R06-3X1X-XXX Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
43R03-2XXX POWERDYNAMICS-43R03-2XXX Datasheet
47Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; CROSS FLANGE, PANEL MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com