Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8314ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 5 Page - Analog Devices

  AD8314ARM Datasheet HTML 1Page - Analog Devices AD8314ARM Datasheet HTML 2Page - Analog Devices AD8314ARM Datasheet HTML 3Page - Analog Devices AD8314ARM Datasheet HTML 4Page - Analog Devices AD8314ARM Datasheet HTML 5Page - Analog Devices AD8314ARM Datasheet HTML 6Page - Analog Devices AD8314ARM Datasheet HTML 7Page - Analog Devices AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8314
–5–
REV. 0
FREQUENCY – GHz
0
0.5
1.0
22
21
20
19
18
–30 C
+85 C
+25 C
1.5
2.0
2.5
23
Figure 7. Slope vs. Frequency; –30
°C, +25°C, and +85°C
VS – Volts
22
19
2.5
21
20
2.5GHz
1.9GHz
0.9GHz
0.1GHz
3.0
3.5
4.0
4.5
5.0
5.5
Figure 8. VUP Slope vs. Supply Voltage
FREQUENCY – GHz
0
0.5
1.0
0
1.5
2.0
2.5
500
1000
1500
2000
2500
3000
3500
–200
0
–400
–600
–800
–1000
–1200
–1400
X
R
|| - jX
|| - j748
|| - j106
|| - j80
|| - j141
R
3030
760
301
90
FREQUENCY (GHz)
0.1
0.9
1.9
2.5
R
X
Figure 9. Input Impedance
FREQUENCY – GHz
0
0.5
1.0
–75
–30 C
+85 C
+25 C
1.5
2.0
2.5
–70
–65
–60
–55
Figure 10. VUP Intercept vs. Frequency: –30°C, +25 °C, and
+85
°C
VS – Volts
–67
2.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
3.0
3.5
4.0
4.5
5.0
5.5
–66
–65
–64
–63
–62
–61
Figure 11. VUP Intercept vs. Supply Voltage
VENBL – Volts
–1
0.2
INCREASING
VENBL
0
1
2
3
4
5
6
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2 2.4
2.6
DECREASING
VENBL
Figure 12. Supply Current vs. ENBL Voltage, VS = 3 V


Similar Part No. - AD8314ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314ARM AD-AD8314ARM Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARM AD-AD8314ARM Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARM AD-AD8314ARM Datasheet
522Kb / 20P
   RF Detector/Controller
AD8314ARM-REEL AD-AD8314ARM-REEL Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARM-REEL AD-AD8314ARM-REEL Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results

Similar Description - AD8314ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com