Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF18008 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJF18008
Description  POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF18008 Datasheet(HTML) 1 Page - Motorola, Inc

  MJF18008 Datasheet HTML 1Page - Motorola, Inc MJF18008 Datasheet HTML 2Page - Motorola, Inc MJF18008 Datasheet HTML 3Page - Motorola, Inc MJF18008 Datasheet HTML 4Page - Motorola, Inc MJF18008 Datasheet HTML 5Page - Motorola, Inc MJF18008 Datasheet HTML 6Page - Motorola, Inc MJF18008 Datasheet HTML 7Page - Motorola, Inc MJF18008 Datasheet HTML 8Page - Motorola, Inc MJF18008 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE™
NPN Bipolar Power Transistor
For Switching Power Supply Applications
The MJE/MJF18008 have an applications specific state–of–the–art die designed
for use in 220 V line–operated Switchmode Power supplies and electronic light
ballasts. These high voltage/high speed transistors offer the following:
• Improved Efficiency Due to Low Base Drive Requirements:
— High and Flat DC Current Gain hFE
— Fast Switching
— No Coil Required in Base Circuit for Turn–Off (No Current Tail)
• Tight Parametric Distributions are Consistent Lot–to–Lot
• Two Package Choices: Standard TO–220 or Isolated TO–220
• MJF18008, Case 221D, is UL Recognized at 3500 VRMS: File #E69369
MAXIMUM RATINGS
Rating
Symbol
MJE18008
MJF18008
Unit
Collector–Emitter Sustaining Voltage
VCEO
450
Vdc
Collector–Emitter Breakdown Voltage
VCES
1000
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
Collector Current — Continuous
— Peak(1)
IC
ICM
8.0
16
Adc
Base Current — Continuous
— Peak(1)
IB
IBM
4.0
8.0
Adc
RMS Isolation Voltage(2) Test No. 1 Per Fig. 22a
(for 1 sec, R.H. < 30%,
Test No. 1 Per Fig. 22b
TC = 25_C)
Test No. 1 Per Fig. 22c
VISOL
4500
3500
1500
Volts
Total Device Dissipation
(TC = 25
°C)
Derate above 25
_C
PD
125
1.0
45
0.36
Watts
W/
_C
Operating and Storage Temperature
TJ, Tstg
– 65 to 150
_C
THERMAL CHARACTERISTICS
Rating
Symbol
MJE18008
MJF18008
Unit
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
1.0
62.5
2.78
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
260
_C
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
450
Vdc
Collector Cutoff Current (VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
(TC = 125_C)
Collector Cutoff Current (VCE = 800 V, VEB = 0)
(TC = 125_C)
ICES
100
500
100
µAdc
Emitter Cutoff Current (VEB = 9.0 Vdc, IC = 0)
IEBO
100
µAdc
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
(continued)
(2) Proper strike and creepage distance must be provided.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE18008/D
© Motorola, Inc. 1995
MJE18008
MJF18008
POWER TRANSISTOR
8.0 AMPERES
1000 VOLTS
45 and 125 WATTS
*Motorola Preferred Device
*
*
CASE 221A–06
TO–220AB
MJE18008
CASE 221D–02
ISOLATED TO–220 TYPE
UL RECOGNIZED
MJF18008
REV 1


Similar Part No. - MJF18008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF18008 ONSEMI-MJF18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR
1995 REV 1
logo
Savantic, Inc.
MJF18008 SAVANTIC-MJF18008 Datasheet
216Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJF18008 JMNIC-MJF18008 Datasheet
96Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJF18008 ONSEMI-MJF18008 Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
logo
Inchange Semiconductor ...
MJF18008 ISC-MJF18008 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJF18008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL147 ONSEMI-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com