Electronic Components Datasheet Search |
|
43R01-1111 Datasheet(PDF) 1 Page - PowerDynamics, Inc |
|
43R01-1111 Datasheet(HTML) 1 Page - PowerDynamics, Inc |
|
1 / 1 page A 6 B 5 4 C D 6 54 DIMENSIONS ARE IN MILLIMETERS ALL DIMENSIONS FOR REFERENCE ONLY Phone: 973 560-0019 Whippany, New Jersey Fax: 973 560-0076 3 DRAWN CHECK APPR BY BY BY DATE: DATE: DATE: 2 NTS SCALE: SIZE: PART #: A PART: A 1 REV: B 3 2 C D 1 TOLERANCE UNLESS OTHERWISE SPECIFIED X ± 1 X.X ± 0.4 X.XX ± 0.20 1 of 1 SHEET IEC 60320 C13 & C15 FEMALE POWER CORD PLUG, R/A LEFT HANDED CONNECTION 43R01-X1X1 B GQ 08/20/01 TD 08/22/01 PB 08/22/01 MATERIAL AND FINISH: Insulator: Polycarbonate, UL-94V-0 rated Contacts: IEC C13, 70°C: Brass IEC C15, 120°C: Bronze ELECTRICAL SPECIFICATIONS: Current rating: 10 A Voltage rating: 250 VAC 26 ORDERING CODE: 43R01-__ 1 __ 1 1 2 1) ELECTRICAL CIRCUIT CONFIGURATION 1 = IEC C13, 10A 250V 70°C A DIN 49 457 2 = IEC C15, 10A 250V 120°C D DIN 49 458 2) COLOR 1 = BLACK 2 = GRAY 23.0 -0.5 14.0±0.2 15.8 -0.5 26 18 MIN. 19.0 54 26 4.00 3X 2.5 +0.3 3X 5.0 +0.5 NOTES: 1. Contains integral cable clamp strain relief & internal screw type connections. Maximum wire gauge is 16AWG stranded. 2. Recommended screw torque: 1.2Nm 3. Recommended strip length for jacket and conductors: 31 6.0 TYP. N G L 23 D E V D E V |
Similar Part No. - 43R01-1111 |
|
Similar Description - 43R01-1111 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |