Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42R51-5123 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R51-5123
Description  MINIATURE IEC 60320 C8 APPL. INLET; MATING FACE EXTENDED 5.5mm FROM FLANGE, PCB MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R51-5123 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R51-5123 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
MINIATURE IEC 60320 C8 APPL. INLET; MATING
FACE EXTENDED 5.5mm FROM FLANGE, PCB MOUNT
42R51-5123
G
LFH
09/29/98
AH
9/29/98
SS
9/29/98
MATERIAL AND FINISH:
Insulator: PBT, black, UL-94V-0
Contacts: Brass, Nickel plated
Terminals: Brass, Tin plated
ELECTRICAL SPECIFICATIONS:
Rated current: 2.5A
Rated voltage: 250VAC
Insulation resistance: 100 Mohm min. @ 500VDC
Dielectric withstanding voltage: 2000VAC for one minute
C
20.00
17.00
RECOMMENDED
PANEL CUTOUT
12.1
+0.1
20.6
+0.1
2.5
0.8 TYP.
3.0
11.60
4.5
5.5
22.5
1.3
16.5
+0.8
20.5±0.2
8.60±0.15
2X Ø2.36±0.04
2.8±0.5
14.0±0.2
8.2
+0.8
RECOMMENDED
PCB LAY0UT (TOP VIEW)
8.6±0.1
2X Ø1.7
D E
V
RoHS
COMPLIANT


Similar Part No. - 42R51-5123

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R51-5124 POWERDYNAMICS-42R51-5124 Datasheet
36Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, PCB MOUNT
42R51-5125 POWERDYNAMICS-42R51-5125 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, SOLDER TERMINALS
42R51-5126 POWERDYNAMICS-42R51-5126 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, PC TERMINALS
42R51-5127 POWERDYNAMICS-42R51-5127 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; MATING FACE EXTENDED 6.5mm FROM FLANGE, PCB MOUNT
42R51-5128 POWERDYNAMICS-42R51-5128 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, SOLDER TERMINALS
More results

Similar Description - 42R51-5123

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R51-5127 POWERDYNAMICS-42R51-5127 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; MATING FACE EXTENDED 6.5mm FROM FLANGE, PCB MOUNT
PD-42R51-1122 POWERDYNAMICS-PD-42R51-1122 Datasheet
33Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; FLANGE MOUNT, SOLDER TERMINALS
42R51-5124 POWERDYNAMICS-42R51-5124 Datasheet
36Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, PCB MOUNT
42R51-5126 POWERDYNAMICS-42R51-5126 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, PC TERMINALS
42R51-5125 POWERDYNAMICS-42R51-5125 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, SOLDER TERMINALS
42R51-112X POWERDYNAMICS-42R51-112X Datasheet
35Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; 1.0mm - 6.0mm SIDE FLANGE MOUNT, SOLDER TERMINALS
42R51-5128 POWERDYNAMICS-42R51-5128 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, SOLDER TERMINALS
42R51-5131RA POWERDYNAMICS-42R51-5131RA Datasheet
38Kb / 1P
   MINIATURE IEC 60320 C6 APPL. INLET; FLUSH FLANGE MOUNT, PC TERMINALS
42R03-6X2X POWERDYNAMICS-42R03-6X2X Datasheet
40Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-5X2X POWERDYNAMICS-42R03-5X2X Datasheet
38Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com